Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32322B4805J010 Datasheet(PDF) 1 Page - EPCOS

Part # B32322B4805J010
Description  Film capacitors - AC capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32322B4805J010 Datasheet(HTML) 1 Page - EPCOS

  B32322B4805J010 Datasheet HTML 1Page - EPCOS B32322B4805J010 Datasheet HTML 2Page - EPCOS B32322B4805J010 Datasheet HTML 3Page - EPCOS B32322B4805J010 Datasheet HTML 4Page - EPCOS B32322B4805J010 Datasheet HTML 5Page - EPCOS B32322B4805J010 Datasheet HTML 6Page - EPCOS B32322B4805J010 Datasheet HTML 7Page - EPCOS B32322B4805J010 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Film capacitors – AC capacitors
Motor run capacitors
250 V; class B; 85 °C / 400 V; class B; 85 °C / 480 V; class C; 85 °C
Series/Type:
B32320/B32322 – MotorCap™
Ordering code:
Date:
January 2008
Version:
2.0
Content of inside pages of data sheet. Data will be automatically entered into headers and footers.
Please fill in the table and then change the color to “White”. This ensures that the table disappears for
the customer PDF.
Identification/Classification 1:
(header 1)
Film capacitors – AC capacitors
Identification/Classification 2:
(header 2)
Motor run capacitors
Ordering code:
Series/Type:
B32320/B32322 – MotorCap™
Preliminary data (optional):
(if necessary)
Department:
FK PC PM AC
Date:
January 2008
© EPCOS AG 2008. Reproduction, publication and dissemination of this data sheet, enclosures
hereto and the information contained therein without EPCOS' prior express consent is prohibited.


Similar Part No. - B32322B4805J010

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32322B4805J010 TDK-B32322B4805J010 Datasheet
215Kb / 8P
   AC Film Capacitors, Motor Run Capacitors
More results

Similar Description - B32322B4805J010

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32320 TDK-B32320_17 Datasheet
130Kb / 8P
   Film Capacitors ??AC Capacitors
B32355 TDK-B32355 Datasheet
262Kb / 7P
   Film Capacitors ??AC Capacitors
logo
EPCOS
B32330B6305J051 EPCOS-B32330B6305J051 Datasheet
316Kb / 6P
   Film capacitors - AC capacitors
B32356B4205J012 EPCOS-B32356B4205J012 Datasheet
262Kb / 6P
   Film capacitors - AC capacitors
B32328A1155J017 EPCOS-B32328A1155J017 Datasheet
384Kb / 8P
   Film capacitors - AC capacitors
logo
TDK Electronics
B32350 TDK-B32350 Datasheet
237Kb / 8P
   Film Capacitors ??AC Capacitors
B33335 TDK-B33335 Datasheet
268Kb / 7P
   Film Capacitors ??AC Capacitors
B32354S TDK-B32354S Datasheet
1Mb / 18P
   Film Capacitors – AC Capacitors
May 2022
logo
EPCOS
B32327C1155J013 EPCOS-B32327C1155J013 Datasheet
421Kb / 8P
   Film capacitors - AC capacitors
B32335B4020J050 EPCOS-B32335B4020J050 Datasheet
380Kb / 7P
   Film capacitors - AC capacitors
B32330B1405J050 EPCOS-B32330B1405J050 Datasheet
338Kb / 6P
   Film capacitors - AC capacitors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com