Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW001A2B91Z Datasheet(PDF) 6 Page - Lineage Power Corporation

Part # SW001A2B91Z
Description  18-36Vdc & 36-75Vdc Input; 3.3-15Vdc Output; 1-3.5A Output Current
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

SW001A2B91Z Datasheet(HTML) 6 Page - Lineage Power Corporation

Back Button SW001A2B91Z Datasheet HTML 2Page - Lineage Power Corporation SW001A2B91Z Datasheet HTML 3Page - Lineage Power Corporation SW001A2B91Z Datasheet HTML 4Page - Lineage Power Corporation SW001A2B91Z Datasheet HTML 5Page - Lineage Power Corporation SW001A2B91Z Datasheet HTML 6Page - Lineage Power Corporation SW001A2B91Z Datasheet HTML 7Page - Lineage Power Corporation SW001A2B91Z Datasheet HTML 8Page - Lineage Power Corporation SW001A2B91Z Datasheet HTML 9Page - Lineage Power Corporation SW001A2B91Z Datasheet HTML 10Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Data Sheet
December 12, 2008
SW/SC001/003 Series DC-DC Power Module:
18-36Vdc & 36-75Vdc Input; 3.3-15Vdc Output; 1-3.5A Output Current
LINEAGE POWER
6
Characteristic Curves
The following figures provide typical characteristics for the SW001A0C91 (15.0V, 1A) at 25ºC. The figures are
identical for either positive or negative Remote On/Off logic.
70
72
74
76
78
80
82
84
86
88
90
0
0.2
0.4
0.6
0.8
1
VI = 36V
VI = 54V
VI = 75V
OUTPUT CURRENT, Io (A)
TIME, t (5ms/div)
Figure 1. Converter Efficiency versus Output
Current.
Figure 4. Typical Start-Up Using Remote On/Off,
negative logic version shown.
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
102030405060708090
100
110
3.0 m/ s(600 f t ./ min.)
2.0 m/ s(400 f t ./ min.)
1.0 m/ s(200 f t ./ min.)
Nat ural Convect ion
AMBIENT TEMPERATURE, TA
OC
TIME, t (1ms/div)
Figure 2. Derating Output Current versus Local
Ambient Temperature and Airflow.
Figure 5. Transient Response to Dynamic Load Change
from 50% to 75% to 50% of full load.
TIME, t (1
μs/div)
TIME, t (500
μs/div)
Figure 3. Typical Output Ripple and Noise, VIN=VIN,
nom IO=80% of IO, max.
Figure 6. Typical Start-Up Output Voltage Rise
Characteristic.


Similar Part No. - SW001A2B91Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
SW001A2B91Z LINEAGEPOWER-SW001A2B91Z Datasheet
416Kb / 24P
   SW/SC001/003 Series DC-DC Converter Power Modules 18-36V & 36-75Vdc Input; 3.3V-15Vdc Output; 1-3.5A Output Current
More results

Similar Description - SW001A2B91Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
HW004A0A-S LINEAGEPOWER-HW004A0A-S Datasheet
646Kb / 28P
   18-36Vdc & 36-75Vdc Input; 1.0V-5Vdc Output; 4A - 6A Output Current
JHW350R1 LINEAGEPOWER-JHW350R1 Datasheet
583Kb / 16P
   18 - 36Vdc or 36 - 75Vdc Input; 28Vdc Output; 350W
SW001A0C91Z LINEAGEPOWER-SW001A0C91Z_09 Datasheet
416Kb / 24P
   SW/SC001/003 Series DC-DC Converter Power Modules 18-36V & 36-75Vdc Input; 3.3V-15Vdc Output; 1-3.5A Output Current
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
QSW025A0B1Z LINEAGEPOWER-QSW025A0B1Z Datasheet
416Kb / 16P
   36 - 75Vdc Input; 12Vdc Output; 25A Output Current
logo
Vishay Siliconix
EBVW020A0B VISHAY-EBVW020A0B Datasheet
1Mb / 16P
   36-75Vdc Input; 12Vdc Output; 20A Output Current
Data Sheet June 27, 2012
logo
Lineage Power Corporati...
KNW013A0A41-SRZ LINEAGEPOWER-KNW013A0A41-SRZ Datasheet
487Kb / 17P
   36 - 75Vdc Input; 3.3 to 5.0Vdc Output; 13 to 20A Output Current
EBVW017A0X LINEAGEPOWER-EBVW017A0X Datasheet
1Mb / 15P
   36-75Vdc Input; 14.0Vdc Output; 17A Output Current
EHW007A0B41Z LINEAGEPOWER-EHW007A0B41Z Datasheet
756Kb / 18P
   36-75Vdc Input; 12.0Vdc Output; 7A Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com