Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPC-510 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # IPC-510
Description  4U Rackmount Chassis with Front USB and PS/2 Interfaces
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

IPC-510 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  IPC-510 Datasheet HTML 1Page - Advantech Co., Ltd. IPC-510 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Computer Chassis
Features
The most cost-effective rackmount chassis
Supports 250/300 W ATX PFC PS/2 power supply
Easy to install front-accessible drive bays to hold three 5.25" and two 3.5"
drives (one external & one internal)
Front-accessible USB & PS/2 interfaces
Designed to withstand environmental extremes, such as shock, vibration and
high temperature
IPC-510
4U Rackmount Chassis with
Front USB and PS/2 Interfaces
easy-to-maintain
cooling fan
System
reset switch
Power button
HDD LED
Power LED
Three 5.25" drive bays
One internal 3.5" drive bay space
One 3.5" drive bay
Motherboard can fit in 450 mm
(17.7”) depth
USB & PS/2
Specifications
Drive Bay
Front-accessible
Internal
5.25"
3
-
3.5"
1
1
Cooling
Fan
1 (85 CFM)
Air filter
Yes
Front I/O Interface
USB
2
PS/2
1
Miscellaneous
Notification LEDs
Power & HDD activity
Rear Panel
BP version: Two D-Sub 9-pin openings
MB version: One D-Sub 9-pin and one 68-pin SCSI openings
Environment
Operating
Non-Operating
Temperature
0 ~ 40° C (32 ~ 104° F)
-20 ~ 60° C (-4 ~ 140° F)
Humidity
10 ~ 85 % @ 40° C, non-condensing
10 ~ 95 % @ 40° C, non-condensing
Vibration (5 ~ 500 Hz)
1 Grms
2 G
Shock
10 G (with 11 ms duration, half sine wave)
30 G
Physical Characteristics
Dimensions (W x H x D)
482 x 177 x 450 mm (19" x 7" x 17.7")
Weight
10.7 kg (23.5 lb)
RoHS
COMPLIANT
2002/95/EC


Similar Part No. - IPC-510

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IPC-510 ADVANTECH-IPC-510 Datasheet
803Kb / 2P
   Economical 4U Rackmount Chassis with Front-Accessible USB and PS/2 Interfaces
16-Jun-2020
IPC-510BP-00XBE ADVANTECH-IPC-510BP-00XBE Datasheet
2Mb / 2P
   Economical 4U Rackmount Chassis with Front USB and PS/2 Interfaces
IPC-510BP-00XBE ADVANTECH-IPC-510BP-00XBE Datasheet
838Kb / 2P
   Economical 4U Rackmount Chassis with Front USB and PS/2 Interfaces
IPC-510BP-00XBE ADVANTECH-IPC-510BP-00XBE Datasheet
769Kb / 2P
   Economical 4U Rackmount Chassis with Front-Accessible USB and PS/2 Interfaces
IPC-510BP-00XCE ADVANTECH-IPC-510BP-00XCE Datasheet
769Kb / 2P
   Economical 4U Rackmount Chassis with Front-Accessible USB and PS/2 Interfaces
More results

Similar Description - IPC-510

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IPC-510 ADVANTECH-IPC-510_15 Datasheet
838Kb / 2P
   Economical 4U Rackmount Chassis with Front USB and PS/2 Interfaces
IPC-510 ADVANTECH-IPC-510_12 Datasheet
2Mb / 2P
   Economical 4U Rackmount Chassis with Front USB and PS/2 Interfaces
IPC-DT-3120E ADVANTECH-IPC-DT-3120E Datasheet
769Kb / 2P
   Economical 4U Rackmount Chassis with Front-Accessible USB and PS/2 Interfaces
IPC-510 ADVANTECH-IPC-510_V01 Datasheet
803Kb / 2P
   Economical 4U Rackmount Chassis with Front-Accessible USB and PS/2 Interfaces
16-Jun-2020
IPC-DT-5230E ADVANTECH-IPC-DT-5230E Datasheet
769Kb / 2P
   Economical 4U Rackmount Chassis with Front-Accessible USB and PS/2 Interfaces
ACP-2000 ADVANTECH-ACP-2000_15 Datasheet
1Mb / 2P
   2U 6-Slot Rackmount Chassis with Front USB and PS/2 Interfaces
ACP-2000 ADVANTECH-ACP-2000_12 Datasheet
2Mb / 2P
   2U 6-Slot Rackmount Chassis with Front USB and PS/2 Interfaces
IPC-602 ADVANTECH-IPC-602_12 Datasheet
2Mb / 2P
   2U 6-Slot Rackmount Chassis with Front USB and PS/2 Interfaces
IPC-602 ADVANTECH-IPC-602_17 Datasheet
975Kb / 2P
   2U 6-Slot Rackmount Chassis with Front USB and PS/2 Interfaces
ACP-2000 ADVANTECH-ACP-2000 Datasheet
1Mb / 2P
   2U 6-Slot Rackmount Chassis with Front USB and PS/2 Interfaces
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com