Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPC-610BP-30ZFCE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # IPC-610BP-30ZFCE
Description  4U 15-Slot Rackmount Chassis with ATX Motherboard Option
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

IPC-610BP-30ZFCE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  IPC-610BP-30ZFCE Datasheet HTML 1Page - Advantech Co., Ltd. IPC-610BP-30ZFCE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Computer Chassis
Features
IPC-610-F
4U 15-Slot Rackmount Chassis
with ATX Motherboard Option
Specifications
Drive Bay
Front-accessible
Internal
3.5"
1
1
5.25"
3
-
Cooling
Fan
1 (85 CFM)
Air Filter
Yes
Miscellaneous
Notification LEDs
Power, HDD, keyboard lock
Control
Power, system rest and keyboard lock switches
Rear Panel
BP version: One D-Sub 9-pin opening
MB version: Five D-Sub 9-pin & one 68-pin SCSI openings
Environment
Temperature
0 ~ 40° C (32 ~ 104° F), operating
Physical Characteristics
Dimensions (W x H x D)
IPC-610BP: 482 x 177 x 452 mm (19" x 7" x 17.8")
IPC-610MB: 482 x 177 x 502 mm (19" x 7" x 19.76")
Weight
16.2 kg (35.6 lb)
Power switch
Hold-down clamp
4U rackmount chassis supports up to 15 cards
Shock-resistant disk drive bay design holds up to three 5.25" and two 3.5"
(one external & one internal) disk drives
Special hold-down clamp design with rubber cushions protects the cards from
harsh environments and shocks
Power and HDD activity notification improves system availability
User-friendly and front-accessible filter for system maintenance
Lockable front door prevents unauthorized access
300 W / 400 W AC and 300 W DC ATX power supply options
One 85-CFM
hot-swap
cooling fan
Easy-to-replace
fan filter
One 3.5"
drive bay
One internal
3.5" drive bay
Three 5.25"
drive bays
DVD-ROM &
disk trays are
not included
RoHS
COMPLIANT
2002/95/EC


Similar Part No. - IPC-610BP-30ZFCE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IPC-610BP-30ZHE ADVANTECH-IPC-610BP-30ZHE Datasheet
1Mb / 2P
   4U Rackmount Chassis with Visible & Audible Alarm Notification
More results

Similar Description - IPC-610BP-30ZFCE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ACP-4000MB ADVANTECH-ACP-4000MB Datasheet
190Kb / 2P
   4U Rackmount Chassis for ATX Motherboard
logo
Adlink Technology Inc.
RK-630 ADLINK-RK-630 Datasheet
420Kb / 2P
   4U rackmount industrial chassis supporting ATX motherboard
logo
Advantech Co., Ltd.
IPC-941 ADVANTECH-IPC-941 Datasheet
1Mb / 2P
   348mm Depth 4U Rackmount Chassis for ATX Motherboard
30-Mar-2018
ACP-4010 ADVANTECH-ACP-4010_17 Datasheet
849Kb / 2P
   Quiet 4U Rackmount Chassis for ATX/CEB/EEB Motherboard
HPC-7483 ADVANTECH-HPC-7483 Datasheet
991Kb / 2P
   4U Rackmount / Tower Chassis for EATX/ATX/MicroATX Motherboard
HPC-7485 ADVANTECH-HPC-7485 Datasheet
1Mb / 2P
   4U Rackmount for EATX/ATX Motherboard
17-Jun-2021
HPC-7400 ADVANTECH-HPC-7400_V01 Datasheet
1Mb / 2P
   4U Compact Rackmount / Tower Chassis for EATX/ATX/MicroATX Motherboard
27-Jun-2018
HPC-7400MB-70A1E ADVANTECH-HPC-7400MB-70A1E Datasheet
1Mb / 2P
   4U Compact Rackmount / Tower Chassis for EATX/ATX/MircoATX Motherboard
IPC-610-F ADVANTECH-IPC-610-F_15 Datasheet
1Mb / 2P
   Classic 4U 15-Slot Rackmount Chassis
IPC-610-F ADVANTECH-IPC-610-F_12 Datasheet
2Mb / 2P
   Classic 4U 15-Slot Rackmount Chassis
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com