Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B42021 Datasheet(PDF) 10 Page - EPCOS

Part # B42021
Description  Aluminum electrolytic capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B42021 Datasheet(HTML) 10 Page - EPCOS

Back Button B42021 Datasheet HTML 3Page - EPCOS B42021 Datasheet HTML 4Page - EPCOS B42021 Datasheet HTML 5Page - EPCOS B42021 Datasheet HTML 6Page - EPCOS B42021 Datasheet HTML 7Page - EPCOS B42021 Datasheet HTML 8Page - EPCOS B42021 Datasheet HTML 9Page - EPCOS B42021 Datasheet HTML 10Page - EPCOS B42021 Datasheet HTML 11Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Cautions and warnings
10 08/08
Please read Cautions and warnings and
Important notes at the end of this document.
11
Do not apply excessive force to the leads and terminals. Do not move the capacitor after sol-
dering it onto the PC board and do not carry the PC board by gripping the capacitor. Observe
the following rules to prevent undue stress to the capacitor:
a Do not tilt or bend the capacitor after soldering.
b Ensure that the terminal spacing matches the corresponding hole spacing on the PC
board.
12
The aluminum case is not insulated from the cathode. Do not place a conductor under the
aluminum capacitors on the PC board as this may cause a short circuit. The case and top of
capacitors used in switched mode power supplies have a high-voltage-resistant heat shrink
sleeve to ensure safe usage.
13
The leads of capacitors with a case diameter exceeding 14 mm cannot be used for fixing.
AEC-C_B42002_B42021.book Seite 10 Dienstag, 5. August 2008 4:26 16


Similar Part No. - B42021

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B4206D ETC-B4206D Datasheet
86Kb / 1P
   Elektronické součástky z dovozu
B4207D ETC-B4207D Datasheet
86Kb / 1P
   Elektronické součástky z dovozu
More results

Similar Description - B42021

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com