Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41044A4688M016 Datasheet(PDF) 3 Page - EPCOS

Part # B41044A4688M016
Description  Aluminum electrolytic capacitors
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41044A4688M016 Datasheet(HTML) 3 Page - EPCOS

  B41044A4688M016 Datasheet HTML 1Page - EPCOS B41044A4688M016 Datasheet HTML 2Page - EPCOS B41044A4688M016 Datasheet HTML 3Page - EPCOS B41044A4688M016 Datasheet HTML 4Page - EPCOS B41044A4688M016 Datasheet HTML 5Page - EPCOS B41044A4688M016 Datasheet HTML 6Page - EPCOS B41044A4688M016 Datasheet HTML 7Page - EPCOS B41044A4688M016 Datasheet HTML 8Page - EPCOS B41044A4688M016 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Single-ended capacitors
B41044, B43044
Very low impedance – 105
°C
3
08/08
Please read Cautions and warnings and
Important notes at the end of this document.
Specifications and characteristics in brief
Rated voltage VR
6.3 … 450 V DC
Operating tempera-
ture range
VR < 350 V DC: –40 °C … +105 °C
VR ≥ 350 V DC: –25 °C … +105 °C
Rated capacitance CR
(20
°C, 120 Hz)
0.22 … 15000
µF
Capacitance tolerance
±20% M
Load life
(105
°C, VR, IAC,R)
VR ≤ 100 V DC
VR > 100 V DC
Requirements:
∆C/C ≤ ±20% of
initial value
tan
δ≤ 2 times initial
specified value
Ileak ≤ initial
specified limit
2000 h for d = 5 ... 6.3 mm
3000 h for d = 8 mm
5000 h for d
≥ 10 mm
2000 h
Leakage current Ileak VR ≤ 100 V DC
VR > 100 V DC
whichever is greater
(20
°C, after 1 minute)
(20
°C, after 5 minutes)
Dissipation factor
(max.)
(20
°C, 120 Hz)
VR
(V DC)
6.3
10
16
25
35
50
63
100 160
315
350
450
tan
δ
0.22 0.19 0.16 0.14 0.12 0.10 0.09 0.08 0.15 0.20
For capacitance higher than 1000
µF add 0.02 for every increase of
1000
µF.
Low temperature
stability
(impedance ratio)
(120 Hz)
VR (V DC)
6.3
10
16
25 ... 100
160 ... 250 315 ... 450
43
2
2
3
8
86
4
3
4
Shelf life
After storage for 1000 h at 105
°C, the capacitors shall meet the
requirement of load life test after reforming process. After test: VR to be
applied for 30 minutes, 24 to 48 hours before measurement.
leak
0.03 µA
CR
µF
-------
VR
V
-------
⎝⎠
⎛⎞ or 4 µA
Ileak 0.02 µA
CR
µF
-------
VR
V
-------
⎝⎠
⎛⎞ +15 µA
Z25 °C
()
Z+20 °C
()
---------------------------
Z40 °C
()
Z+20 °C
()
---------------------------
AEC-C_B41044_B43044.book Seite 3 Dienstag, 5. August 2008 4:13 16


Similar Part No. - B41044A4688M016

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41041A2107M000 EPCOS-B41041A2107M000 Datasheet
1,014Kb / 24P
   Aluminum electrolytic capacitors
B41041A2107M006 EPCOS-B41041A2107M006 Datasheet
1,014Kb / 24P
   Aluminum electrolytic capacitors
B41041A2107M008 EPCOS-B41041A2107M008 Datasheet
1,014Kb / 24P
   Aluminum electrolytic capacitors
B41041A2107M016 EPCOS-B41041A2107M016 Datasheet
1,014Kb / 24P
   Aluminum electrolytic capacitors
B41041A2108M000 EPCOS-B41041A2108M000 Datasheet
1,014Kb / 24P
   Aluminum electrolytic capacitors
More results

Similar Description - B41044A4688M016

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com