Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC003A0A91 Datasheet(PDF) 5 Page - Lineage Power Corporation

Part # SC003A0A91
Description  18-36Vdc & 36-75Vdc Input; 3.3-15Vdc Output; 1-3.5A Output Current
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

SC003A0A91 Datasheet(HTML) 5 Page - Lineage Power Corporation

  SC003A0A91 Datasheet HTML 1Page - Lineage Power Corporation SC003A0A91 Datasheet HTML 2Page - Lineage Power Corporation SC003A0A91 Datasheet HTML 3Page - Lineage Power Corporation SC003A0A91 Datasheet HTML 4Page - Lineage Power Corporation SC003A0A91 Datasheet HTML 5Page - Lineage Power Corporation SC003A0A91 Datasheet HTML 6Page - Lineage Power Corporation SC003A0A91 Datasheet HTML 7Page - Lineage Power Corporation SC003A0A91 Datasheet HTML 8Page - Lineage Power Corporation SC003A0A91 Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Data Sheet
December 12, 2008
SW/SC001/003 Series DC-DC Power Module:
18-36Vdc & 36-75Vdc Input; 3.3-15Vdc Output; 1-3.5A Output Current
LINEAGE POWER
5
Feature Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature
conditions. See Feature Descriptions for additional information.
Parameter
Device
Symbol
Min
Typ
Max
Unit
Remote On/Off Signal Interface
(VIN=VIN, min to VIN, max ; open collector or equivalent,
Signal referenced to VIN- terminal)
Negative Logic: device code suffix “1”
Logic Low = module On, Logic High = module Off
Positive Logic: No device code suffix required
Logic Low = module Off, Logic High = module On
Logic Low - Remote On/Off Current
All
Ion/off
1.0
mA
Logic Low - On/Off Voltage
All
Von/off
-0.7
1.2
V
Logic High Voltage – (Typ = Open Collector)
All
Von/off
5.8
15
V
Logic High maximum allowable leakage current
All
Ion/off
50
μA
Turn-On Delay and Rise Times
(IO=80% of IO, max, TA=25°C)
Case 1: On/Off input is set ON and then input
power is applied (Tdelay = from instant at which
VIN=VIN, min until VO = 10% of VO, set).
All
Tdelay
Case1
20
50
ms
Case 2: Input power is applied for at least 1
second and then On/Off input is set from OFF to
ON (Tdelay = from instant at which VIN=VIN, min until
VO = 10% of VO, set).
All
Tdelay
Case2
20
50
ms
T rise = time for VO to rise from 10% of VO, set to
90% of VO, set.
All
Trise
0.1
1
ms
T rise = time for VO to rise from 10% of VO, set to
90% of VO, set with max ext capacitance
All
Trise
1.5
ms
Output Voltage Overshoot
3
% VO, set
(IO=80% of IO, max, VIN= 54V, TA=25°C)
Output Overvoltage Protection
15V
VO, limit
16.6
21.0
V
12V
VO, limit
13.3
16.0
V
5.0V
VO, limit
5.6
7.0
V
3.3V
VO, limit
3.7
5.4
V
Input Undervoltage Lockout
Turn-on Threshold
SW
Vuv/on
33
36
V
Turn-off Threshold
SW
Vuv/off
27.5
30.5
V
Hysterisis
SW
Vhyst
2.5
V
Turn-on Threshold
SC
Vuv/on
17
18
V
Turn-off Threshold
SC
Vuv/off
13.5
14.5
V
Hystersis
SC
Vhyst
3.0
V


Similar Part No. - SC003A0A91

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
SC003A0A91 LINEAGEPOWER-SC003A0A91 Datasheet
416Kb / 24P
   SW/SC001/003 Series DC-DC Converter Power Modules 18-36V & 36-75Vdc Input; 3.3V-15Vdc Output; 1-3.5A Output Current
SC003A0A91-SR LINEAGEPOWER-SC003A0A91-SR Datasheet
416Kb / 24P
   SW/SC001/003 Series DC-DC Converter Power Modules 18-36V & 36-75Vdc Input; 3.3V-15Vdc Output; 1-3.5A Output Current
SC003A0A91Z LINEAGEPOWER-SC003A0A91Z Datasheet
416Kb / 24P
   SW/SC001/003 Series DC-DC Converter Power Modules 18-36V & 36-75Vdc Input; 3.3V-15Vdc Output; 1-3.5A Output Current
More results

Similar Description - SC003A0A91

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
HW004A0A-S LINEAGEPOWER-HW004A0A-S Datasheet
646Kb / 28P
   18-36Vdc & 36-75Vdc Input; 1.0V-5Vdc Output; 4A - 6A Output Current
JHW350R1 LINEAGEPOWER-JHW350R1 Datasheet
583Kb / 16P
   18 - 36Vdc or 36 - 75Vdc Input; 28Vdc Output; 350W
SW001A0C91Z LINEAGEPOWER-SW001A0C91Z_09 Datasheet
416Kb / 24P
   SW/SC001/003 Series DC-DC Converter Power Modules 18-36V & 36-75Vdc Input; 3.3V-15Vdc Output; 1-3.5A Output Current
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
QSW025A0B1Z LINEAGEPOWER-QSW025A0B1Z Datasheet
416Kb / 16P
   36 - 75Vdc Input; 12Vdc Output; 25A Output Current
logo
Vishay Siliconix
EBVW020A0B VISHAY-EBVW020A0B Datasheet
1Mb / 16P
   36-75Vdc Input; 12Vdc Output; 20A Output Current
Data Sheet June 27, 2012
logo
Lineage Power Corporati...
KNW013A0A41-SRZ LINEAGEPOWER-KNW013A0A41-SRZ Datasheet
487Kb / 17P
   36 - 75Vdc Input; 3.3 to 5.0Vdc Output; 13 to 20A Output Current
EBVW017A0X LINEAGEPOWER-EBVW017A0X Datasheet
1Mb / 15P
   36-75Vdc Input; 14.0Vdc Output; 17A Output Current
EHW007A0B41Z LINEAGEPOWER-EHW007A0B41Z Datasheet
756Kb / 18P
   36-75Vdc Input; 12.0Vdc Output; 7A Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com