Electronic Components Datasheet Search |
|
B43457D5108M000 Datasheet(PDF) 3 Page - EPCOS |
|
B43457D5108M000 Datasheet(HTML) 3 Page - EPCOS |
3 / 18 page Specifications and characteristics in brief Rated voltage VR Surge voltage VS 350 ... 450 V DC 1.10 VR Rated capacitance CR Capacitance tolerance 1000 ... 15000 µF ±20% M Leakage current Ileak (20 °C, 5 min) Self-inductance ESL d = 51.6 mm: approx. 15 nH d ≥ 64.3 mm: approx. 20 nH Capacitors with low-inductance design: d ≥ 64.3 mm: approx. 13 nH Useful life Requirements: 85 °C; V R; IAC,R > 10000 h ∆C/C ≤ ±30% of initial value 40 °C; V R; 1.5 IAC,R > 200000 h ESR ≤ 3 times initial specified limit Ileak ≤ initial specified limit Voltage endurance test Post test requirements: 85 °C; V R 2 000 h ∆C/C ≤ ±10% of initial value ESR ≤ 1.3 times initial specified limit Ileak ≤ initial specified limit Vibration resistance test To IEC 60068-2-6, test Fc: Displacement amplitude 0.75 mm, frequency range 10 ... 55 Hz, acceleration max. 10 g, duration 3 × 2 h. Capacitor mounted by its body which is rigidly clamped to the work surface. Characteristics at low temperature Max. impedance ratio at 100 Hz VR ≤ 400 V 450 V Z -25°C / Z 20°C 4 3 Z -40°C / Z 20°C 16 12 IEC climatic category To IEC 60068-1: 25/085/56 ( 25 °C/+85 °C/56 days damp heat test) The capacitors can be operated in the temperature range of 40 °C to +85 °C but the impedance at 40 °C should be taken into consideration. Detail specification Sectional specification Similar to CECC 30301-803, CECC 30301-807 IEC 60384-4 B43455, B43457 Long useful life 85 °C Page 3 of 18 Please read Cautions and warnings and Important notes at the end of this document. |
Similar Part No. - B43457D5108M000 |
|
Similar Description - B43457D5108M000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |