Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41827A5476M016 Datasheet(PDF) 3 Page - EPCOS

Part # B41827A5476M016
Description  Aluminum electrolytic capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41827A5476M016 Datasheet(HTML) 3 Page - EPCOS

  B41827A5476M016 Datasheet HTML 1Page - EPCOS B41827A5476M016 Datasheet HTML 2Page - EPCOS B41827A5476M016 Datasheet HTML 3Page - EPCOS B41827A5476M016 Datasheet HTML 4Page - EPCOS B41827A5476M016 Datasheet HTML 5Page - EPCOS B41827A5476M016 Datasheet HTML 6Page - EPCOS B41827A5476M016 Datasheet HTML 7Page - EPCOS B41827A5476M016 Datasheet HTML 8Page - EPCOS B41827A5476M016 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Single-ended capacitors
B41827, B43827
Standard series – 85
°C
3
08/08
Please read Cautions and warnings and
Important notes at the end of this document.
Specifications and characteristics in brief
Series
B41827
B43827
Rated voltage VR
6.3 … 100 V DC
160 … 450 V DC
Operating temperature
range
–40
°C … +85 °C
160 ... 400 V DC: –40
°C … +85 °C
450 V DC: –25
°C … +85 °C
Surge voltage VS
1.15 · VR
1.1 · VR
Rated capacitance CR
(20
°C, 120 Hz)
0.47 … 22000
µF
0.47 … 330
µF
Capacitance tolerance
±20% M
±20% M
Load life
(85
°C, VR, IAC,R)
2000 h Requirements:
∆C/C ≤ ±20% of
initial value
tan
δ≤ 2 times initial
specified value
Ileak ≤ initial specified limit
2000 h Requirements:
∆C/C ≤ ±20% of
initial value
tan
δ≤ 2 times initial
specified value
Ileak ≤ initial specified limit
Leakage current Ileak
(20
°C, after 5 min-
utes)
or 3
µA, whichever is greater
Dissipation factor
(max.)
(20
°C, 120 Hz)
VR
(V DC)
6.3
10
16
25
35
50
63
100
160
250
350
400
450
tan
δ
0.22 0.20 0.16 0.14 0.12 0.10
0.09 0.08 0.18 0.20 0.23
0.02 is added to every 1000
µF, increase over 1000 µF
Shelf life
After storage for 1000 h at 85
°C, the capacitors shall meet the
requirement of load life test after reforming process. After test: VR to be
applied for 30 minutes, 24 to 48 hours before measurement.
Frequency multiplier
for rated ripple current
50 Hz
120 Hz
300 Hz
1 kHz
10 kHz
0.47 … 4.7
µF 0.65
1.00
1.35
1.75
2.30
10 … 47
µF
0.75
1.00
1.25
1.50
1.75
100 …
1000
µF
0.80
1.00
1.15
1.30
1.40
≥2200 µF
0.85
1.00
1.03
1.05
1.08
Temperature multiplier
for rated ripple current
+50
°C+70 °C+85 °C
1.50
1.27
1.00
Ileak 0.01 µA
CR
µF
-------
VR
V
-------
⎝⎠
⎛⎞
Ileak 0.03 µA
CR
µF
-------
VR
V
-------
⎝⎠
⎛⎞ 10 µA
+


Similar Part No. - B41827A5476M016

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41827A2108M EPCOS-B41827A2108M Datasheet
555Kb / 39P
   Aluminum electrolytic capacitors
B41827A2109M EPCOS-B41827A2109M Datasheet
555Kb / 39P
   Aluminum electrolytic capacitors
B41827A2159M EPCOS-B41827A2159M Datasheet
555Kb / 39P
   Aluminum electrolytic capacitors
B41827A2227M EPCOS-B41827A2227M Datasheet
555Kb / 39P
   Aluminum electrolytic capacitors
B41827A2228M EPCOS-B41827A2228M Datasheet
555Kb / 39P
   Aluminum electrolytic capacitors
More results

Similar Description - B41827A5476M016

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com