Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43458A9109M000 Datasheet(PDF) 10 Page - EPCOS

Part # B43458A9109M000
Description  Aluminum electrolytic capacitors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43458A9109M000 Datasheet(HTML) 10 Page - EPCOS

Back Button B43458A9109M000 Datasheet HTML 6Page - EPCOS B43458A9109M000 Datasheet HTML 7Page - EPCOS B43458A9109M000 Datasheet HTML 8Page - EPCOS B43458A9109M000 Datasheet HTML 9Page - EPCOS B43458A9109M000 Datasheet HTML 10Page - EPCOS B43458A9109M000 Datasheet HTML 11Page - EPCOS B43458A9109M000 Datasheet HTML 12Page - EPCOS B43458A9109M000 Datasheet HTML 13Page - EPCOS B43458A9109M000 Datasheet HTML 14Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Technical data and ordering codes
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
ESRmax
100 Hz
20
°C
m
Zmax
10 kHz
20
°C
m
IAC,max
100 Hz
40
°C
A
IAC,R
100 Hz
85
°C
A
IAC,R(B)
100 Hz
85
°C
A
Ordering code
(composition see
below)
Composition of ordering code
* =
Mounting style
# =
Design
6 = for capacitors with ring clip/clamp mounting
8 = for capacitors with threaded stud
0 = for capacitors with standard inductance
3 = for capacitors with low inductance (13 nH) -
only capacitors with diameter d
≥ 64.3 mm
7 = for heat sink mounting - only capacitors with
diameter d
≥ 64.3 mm and without threaded
stud
VR = 450 V DC
1000
51.6
× 80.7
120
180
150
13
4.8
9.6
B4345*A5108M00#
1500
51.6
× 105.7
80
120
105
18
6.5
12
B4345*A5158M00#
2200
64.3
× 105.7
50
75
60
24
8.4
15
B4345*A5228M00#
2700
64.3
× 105.7
42
63
50
26
9.4
17
B4345*A5278M00#
3300
76.9
× 105.7
35
52
40
32
12
23
B4345*A5338M00#
4700
64.3
× 143.2
25
38
30
40
14
24
B4345*A5478M00#
4700
76.9
× 118.2
25
38
30
40
15
27
B4345*B5478M00#
5600
76.9
× 143.2
23
34
31
49
17
31
B4345*A5568M00#
6800
76.9
× 168.7
18
27
21
54
19
31
B4345*B5688M00#
6800
91.0
× 144.5
17
26
22
57
20
38
B4345*A5688M00#
8200
76.9
× 220.7
15
23
20
57
24
36
B4345*A5828M00#
10000
76.9
× 220.7
13
20
15
57
27
40
B4345*A5109M00#
10000
91.0
× 170.0
12
18
14
74
26
46
B4345*B5109M00#
12000
91.0
× 221.0
9
13
12
80
32
53
B4345*A5129M00#
B43456, B43458
Extremely compact
85
°C
Page 10 of 18
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43458A9109M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43458A9109M000 EPCOS-B43458A9109M000 Datasheet
181Kb / 9P
   Frequency converters
More results

Similar Description - B43458A9109M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com