Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH6022681YL Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SH6022681YL
Description  SHIELDED SMD POWER INDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SH6022681YL Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SH6022681YL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SH6022681YL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SH6022681YL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SH6022681YL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SH6022681YL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SH6022681YL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SH6022681YL Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
REF : 20091008-B
SPECIFICATION FOR APPROVAL
ABC'S ITEM NO.
ABC'S DWG NO.
PAGE: 2
PROD.
NAME
Ⅴ﹒ ELECTRICAL CHARACTERISTICS:
SHIELDED SMD
POWER INDUCTOR
150.0 ±30%
430
720.0
SH6022151YL□
1).
:Packaging Information… A:Bulk B:Taping Reel
3). Inductance Test Freq. :100KHz /0.1V
SH6022821YL□
SH6022102YL□
SH6022681YL□
SH6022391YL□
SH6022331YL□
SH6022221YL□
SH6022271YL□
SH6022181YL□
SH6022561YL□
SH6022471YL□
820.0 ±30%
4000.0
1000.0 ±30%
5000.0
680.0 ±30%
560.0 ±30%
470.0 ±30%
390.0 ±30%
220.0 ±30%
330.0 ±30%
270.0 ±30%
180.0 ±30%
2700.0
3500.0
1800.0
2200.0
1100.0
1300.0
1500.0
860.0
172
160
400
225
240
290
275
340
360
190
SH60225R0YL□
SH6022330YL□
SH6022390YL□
SH6022560YL□
SH6022470YL□
SH6022680YL□
SH6022101YL□
SH6022121YL□
SH6022820YL□
SH60226R2YL□
SH60227R5YL□
SH6022120YL□
SH6022100YL□
SH6022150YL□
SH6022220YL□
SH6022270YL□
SH6022180YL□
SH60222R2YL□
SH60223R3YL□
SH60221R5YL□
SH6022R90YL□
DWG No.
2150
46.0
5.0 ±30%
68.0 ±30%
120.0 ±30%
82.0 ±30%
100.0 ±30%
56.0 ±30%
47.0 ±30%
33.0 ±30%
39.0 ±30%
360.0
480.0
600.0
420.0
280.0
320.0
250.0
200.0
12.0 ±30%
22.0 ±30%
27.0 ±30%
18.0 ±30%
15.0 ±30%
6.2 ±30%
10.0 ±30%
7.5 ±30%
80.0
100.0
120.0
150.0
95.0
60.0
70.0
54.0
730
680
600
640
550
480
930
760
1600
1430
1280
1310
1220
1040
1700
1900
0.9 ±30%
2.2 ±30%
3.3 ±30%
1.5 ±30%
( μH )
Inductance
14.0
32.0
24.0
18.0
(mΩ)
max.
RDC
3400
2800
4300
4800
(mA)
max.
Irms
4). Irms base on Temp. rise 30
max.
5). Isat base on △L/L0A=35% typ.
320
140
130
280
160
170
200
180
220
250
150
2000
620
560
450
500
400
360
780
700
1300
1150
1000
1050
950
850
1500
1700
2600
2200
3500
4400
(mA)
typ.
Isat
AR-001A
□□
2)."-
":Reference code
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
SH6022□□□□L□-□□□
9.3
3.4
3.3
8.6
4.9
5.0
6.0
5.5
6.4
6.9
4.0
48.0
18.0
15.0
11.0
14.0
9.8
9.8
19.0
20.0
30.0
32.0
29.0
30.0
23.0
19.0
38.0
45.0
68.0
52.0
79.0
108.0
(MHz)
typ.
SRF
583.0
3315.0
3827.0
1909.0
2497.0
1311.0
1713.0
1192.0
664.0
36.0
292.0
358.0
455.0
328.0
223.0
257.0
202.0
137.0
62.0
78.0
85.0
118.0
73.0
46.0
52.0
41.0
10.0
19.0
16.0
13.0
typ.
820.0
948.0


Similar Part No. - SH6022681YL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SH602 ETC-SH602 Datasheet
90Kb / 4P
   SH602
logo
ABC Taiwan Electronics ...
SH6028100YL ABC-SH6028100YL Datasheet
120Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SH6028101YL ABC-SH6028101YL Datasheet
120Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SH6028102YL ABC-SH6028102YL Datasheet
120Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SH6028150YL ABC-SH6028150YL Datasheet
120Kb / 6P
   SHIELDED SMD POWER INDUCTOR
More results

Similar Description - SH6022681YL

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-1306S ABRACON-ASPI-1306S Datasheet
1Mb / 3P
   SMD SHIELDED POWER INDUCTOR
07.25.13
logo
Central Technologies
CTSR0906F CT-CTSR0906F Datasheet
429Kb / 1P
   SMD Shielded Power Inductor
logo
ABC Taiwan Electronics ...
SS12052R5ML ABC-SS12052R5ML Datasheet
609Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS12801R1YL ABC-SS12801R1YL Datasheet
147Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SU10303R5YF ABC-SU10303R5YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU20091R0YP ABC-SU20091R0YP Datasheet
101Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU20131R0YL ABC-SU20131R0YL Datasheet
105Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU30091R3YL ABC-SU30091R3YL Datasheet
96Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU50284R7Y2 ABC-SU50284R7Y2 Datasheet
129Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
   SHIELDED SMD POWER INDUCTOR
logo
Datatronic Distribution...
DR364-202 DATATRONICS-DR364-202 Datasheet
81Kb / 1P
   SHIELDED SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com