Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH5028270YL Datasheet(PDF) 4 Page - ABC Taiwan Electronics Corp

Part # SH5028270YL
Description  SHIELDED SMD POWER INDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SH5028270YL Datasheet(HTML) 4 Page - ABC Taiwan Electronics Corp

  SH5028270YL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SH5028270YL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SH5028270YL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SH5028270YL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SH5028270YL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SH5028270YL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SH5028270YL Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
User direction of feed
9,000
16
12,000
16
D
Q'TY (pcs)
AR-001A
( 3 ) Q'TY & G.W. Per package
SH5028
SH5028
Series
Style
07 - 16
13 - 16
( 2 ) Dimensions
Inner : Reel
G.W. (gw)
Q'TY (pcs)
1,500
400
1100
300
Style
13 - 16
07 - 16
178
330
A
21±0.8
21±0.8
B
13±0.5
C
13
G.W. (Kg)
8.0
10.0
Outer : Carton
Size (cm)
40 x 40 x 24
42 x 41 x 24
50
50
18
18
+0
+0
G
-0
-0
N
20.5
22.4
T
Unit:m/m
Components
4 m/m
SPECIFICATION FOR APPROVAL
ABC'S ITEM NO.
ABC'S DWG NO.
Leadr
no component
200 m/m min.
End
P:12 m/m
6R2
SHIELDED SMD
Ⅶ﹒PACKAGING INFORMATION:
PROD.
NAME
REF : 20091008-A
POWER INDUCTOR
400 m/m min.
Start
no component
Trailer
PAGE: 4
SH5028□□□□L□-□□□
6R2
6R2
6R2
Carrier tape width : D
G
C
2.0±0.5
( 1 ) Configuration
T
Embossed carrier
D
Cover tape


Similar Part No. - SH5028270YL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SH5018100YL ABC-SH5018100YL Datasheet
153Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SH5018101YL ABC-SH5018101YL Datasheet
153Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SH5018120YL ABC-SH5018120YL Datasheet
153Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SH5018121YL ABC-SH5018121YL Datasheet
153Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SH5018150YL ABC-SH5018150YL Datasheet
153Kb / 8P
   SHIELDED SMD POWER INDUCTOR
More results

Similar Description - SH5028270YL

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-1306S ABRACON-ASPI-1306S Datasheet
1Mb / 3P
   SMD SHIELDED POWER INDUCTOR
07.25.13
logo
Central Technologies
CTSR0906F CT-CTSR0906F Datasheet
429Kb / 1P
   SMD Shielded Power Inductor
logo
ABC Taiwan Electronics ...
SS12052R5ML ABC-SS12052R5ML Datasheet
609Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS12801R1YL ABC-SS12801R1YL Datasheet
147Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SU10303R5YF ABC-SU10303R5YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU20091R0YP ABC-SU20091R0YP Datasheet
101Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU20131R0YL ABC-SU20131R0YL Datasheet
105Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU30091R3YL ABC-SU30091R3YL Datasheet
96Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU50284R7Y2 ABC-SU50284R7Y2 Datasheet
129Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
   SHIELDED SMD POWER INDUCTOR
logo
Datatronic Distribution...
DR364-202 DATATRONICS-DR364-202 Datasheet
81Kb / 1P
   SHIELDED SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com