Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43505E2108M000 Datasheet(PDF) 3 Page - EPCOS

Part # B43505E2108M000
Description  Aluminum electrolytic capacitors21
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43505E2108M000 Datasheet(HTML) 3 Page - EPCOS

  B43505E2108M000 Datasheet HTML 1Page - EPCOS B43505E2108M000 Datasheet HTML 2Page - EPCOS B43505E2108M000 Datasheet HTML 3Page - EPCOS B43505E2108M000 Datasheet HTML 4Page - EPCOS B43505E2108M000 Datasheet HTML 5Page - EPCOS B43505E2108M000 Datasheet HTML 6Page - EPCOS B43505E2108M000 Datasheet HTML 7Page - EPCOS B43505E2108M000 Datasheet HTML 8Page - EPCOS B43505E2108M000 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
B41505
B43505
Leakage current Ileak
(5 min, 20
°C)
Self-inductance ESL
Approx. 20 nH
Useful life
105
°C, V
R, IAC,R
> 5000 h
> 5000 h
85
°C, V
R, IAC,max
> 12000 h
> 11000 h
40
°C, V
R, 2.1
IAC,R
> 250000 h
> 250000 h
Requirements
∆C/C ≤ ±45% of initial value
∆C/C ≤ ±30% of initial value
tan
δ ≤ 3 times initial spec. limit
tan
δ ≤ 3 times initial spec. limit
Ileak
≤ initial specified limit
Ileak
≤ initial specified limit
Load life test
105
°C; V
R; IAC,R
4000 h
4000 h
Post test requirements
∆C/C ≤ ±20% of initial value
∆C/C ≤ ±20% of initial value
tan
δ ≤ 2 times initial spec. limit
tan
δ ≤ 2 times initial spec. limit
Ileak
≤ initial specified limit
Ileak
≤ initial specified limit
Voltage endurance test
105
°C; V
R
2000 h
2000 h
Post test requirements
∆C/C ≤ ±15% of initial value
∆C/C ≤ ±10% of initial value
tan
δ ≤ 1.3 times initial spec. limit tan δ ≤ 1.3 times initial spec. limit
Ileak
≤ initial specified limit
Ileak
≤ initial specified limit
Vibration resistance
test
To IEC 60068-2-6, test Fc:
Displacement amplitude 0.35 mm, frequency range 10 Hz ... 55 Hz,
acceleration max. 5 g, duration 3
× 2 h.
Capacitor mounted by its body which is rigidly clamped to the work
surface.
Characteristics at low
temperature
Max. impedance ratio at 100 Hz
VR
10 ... 100 V
Z -25 °C / Z 20 °C
2
Z -40 °C / Z 20 °C
3
Max. impedance ratio at 100 Hz
VR
≤ 400 V 450 V
Z -25 °C / Z 20 °C
4
7
Z -40 °C / Z 20 °C
7
14
IEC climatic category
To IEC 60068-1:
VR
≤ 400 V DC: 40/105/56 ( 40 °C/+105 °C/56 days damp heat test)
VR = 450 V DC: 25/105/56 ( 25
°C/+105 °C/56 days damp heat test)
The capacitors can be operated in the temperature range of
40
°C to +105 °C but the impedance at 40 °C should be taken into
consideration.
Detail specification
Sectional specification
IEC 60384-4
Similar to CECC 30301-809
IEC 60384-4
B41505, B43505
Excellent performance
105
°C
Page 3 of 21
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43505E2108M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43505E2108M000 EPCOS-B43505E2108M000 Datasheet
312Kb / 13P
   Snap-In Capacitors Excellent Performance
More results

Similar Description - B43505E2108M000

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
MLSG_S CDE-MLSG_S Datasheet
333Kb / 7P
   Aluminum Electrolytic
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13DL-CD117 SUNTAN-TS13DL-CD117 Datasheet
278Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DM-CD71A SUNTAN-TS13DM-CD71A Datasheet
284Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DS-CD296 SUNTAN-TS13DS-CD296 Datasheet
193Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13EG-CD135X SUNTAN-TS13EG-CD135X Datasheet
207Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com