Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH6022561YL Datasheet(PDF) 4 Page - ABC Taiwan Electronics Corp

Part # SH6022561YL
Description  SHIELDED SMD POWER INDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SH6022561YL Datasheet(HTML) 4 Page - ABC Taiwan Electronics Corp

  SH6022561YL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SH6022561YL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SH6022561YL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SH6022561YL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SH6022561YL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SH6022561YL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SH6022561YL Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ABC'S DWG NO.
ABC'S ITEM NO.
SPECIFICATION FOR APPROVAL
NAME
PROD.
REF : 20091008-B
PAGE: 4
SHIELDED SMD
POWER INDUCTOR
9,000
16
15,000
Q'TY (pcs)
16
D
( 3 ) Q'TY & G.W. Per package
( 2 ) Dimensions
SH6022
SH6022
Series
Style
13 - 16
07 - 16
G.W. (gw)
Inner : Reel
1,500
500
950
230
Q'TY (pcs)
13 - 16
07 - 16
Style
21±0.8
21±0.8
B
A
330
178
C
13±0.5
13
Outer : Carton
12.00
8.20
G.W. (Kg)
40 x 40 x 24
42 x 41 x 24
Size (cm)
G
18
18
+0
+0
T
N
-0
-0
50
22.4
20.5
Unit:m/m
End
P:12 m/m
6R2
C
G
4 m/m
Ⅶ﹒PACKAGING INFORMATION:
( 1 ) Configuration
2.0±0.5
T
Embossed carrier
Carrier tape width : D
Start
Cover tape
50
Components
200 m/m min.
400 m/m min.
User direction of feed
no component
Leadr
Trailer
no component
AR-001A
SH6022□□□□L□-□□□
6R2
6R2
6R2


Similar Part No. - SH6022561YL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SH602 ETC-SH602 Datasheet
90Kb / 4P
   SH602
logo
ABC Taiwan Electronics ...
SH6028100YL ABC-SH6028100YL Datasheet
120Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SH6028101YL ABC-SH6028101YL Datasheet
120Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SH6028102YL ABC-SH6028102YL Datasheet
120Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SH6028150YL ABC-SH6028150YL Datasheet
120Kb / 6P
   SHIELDED SMD POWER INDUCTOR
More results

Similar Description - SH6022561YL

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-1306S ABRACON-ASPI-1306S Datasheet
1Mb / 3P
   SMD SHIELDED POWER INDUCTOR
07.25.13
logo
Central Technologies
CTSR0906F CT-CTSR0906F Datasheet
429Kb / 1P
   SMD Shielded Power Inductor
logo
ABC Taiwan Electronics ...
SS12052R5ML ABC-SS12052R5ML Datasheet
609Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS12801R1YL ABC-SS12801R1YL Datasheet
147Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SU10303R5YF ABC-SU10303R5YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU20091R0YP ABC-SU20091R0YP Datasheet
101Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU20131R0YL ABC-SU20131R0YL Datasheet
105Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU30091R3YL ABC-SU30091R3YL Datasheet
96Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU50284R7Y2 ABC-SU50284R7Y2 Datasheet
129Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
   SHIELDED SMD POWER INDUCTOR
logo
Datatronic Distribution...
DR364-202 DATATRONICS-DR364-202 Datasheet
81Kb / 1P
   SHIELDED SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com