Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43521C9108M000 Datasheet(PDF) 5 Page - EPCOS

Part # B43521C9108M000
Description  Aluminum electrolytic capacitors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43521C9108M000 Datasheet(HTML) 5 Page - EPCOS

  B43521C9108M000 Datasheet HTML 1Page - EPCOS B43521C9108M000 Datasheet HTML 2Page - EPCOS B43521C9108M000 Datasheet HTML 3Page - EPCOS B43521C9108M000 Datasheet HTML 4Page - EPCOS B43521C9108M000 Datasheet HTML 5Page - EPCOS B43521C9108M000 Datasheet HTML 6Page - EPCOS B43521C9108M000 Datasheet HTML 7Page - EPCOS B43521C9108M000 Datasheet HTML 8Page - EPCOS B43521C9108M000 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
B43511, 4-pin snap-in terminals, PVC insulation and PET insulation cap on terminal side
Dimensions
(mm)
Approx.
weight (g)
Packing
units (pcs.)
d +1.4 l +2.2/ 2
35
50
63
60
35
60
76
36
35
70
88
36
35
80
101
36
35
100
126
36
40
40
71
33
40
50
89
33
40
60
107
33
40
70
125
33
40
80
143
33
40
100
178
33
45
40
90
28
45
50
113
28
45
60
136
28
45
70
158
28
45
80
181
28
45
100
226
28
Standard snap-in terminals:
length 6.3 +1/ 1.4 mm. Also available with length
of 4.5
1.4 mm. PET insulation cap is positioned
under the insulation sleeve.
All pin holes must be drilled into the PC-board,
since the unconnected pins serve as mountings.
These pins must be soldered to isolated pads or
pads with the same potential as the negative
pole.
B43511, B43521
Outstanding ripple current
85
°C
Page 5 of 19
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43521C9108M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43521C9108M000 EPCOS-B43521C9108M000 Datasheet
254Kb / 10P
   Capacitors with 4 Snap-In Terminals and Solder Pins
More results

Similar Description - B43521C9108M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com