Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43524K4687M000 Datasheet(PDF) 9 Page - EPCOS

Part # B43524K4687M000
Description  Aluminum electrolytic capacitors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43524K4687M000 Datasheet(HTML) 9 Page - EPCOS

Back Button B43524K4687M000 Datasheet HTML 5Page - EPCOS B43524K4687M000 Datasheet HTML 6Page - EPCOS B43524K4687M000 Datasheet HTML 7Page - EPCOS B43524K4687M000 Datasheet HTML 8Page - EPCOS B43524K4687M000 Datasheet HTML 9Page - EPCOS B43524K4687M000 Datasheet HTML 10Page - EPCOS B43524K4687M000 Datasheet HTML 11Page - EPCOS B43524K4687M000 Datasheet HTML 12Page - EPCOS B43524K4687M000 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Technical data and ordering codes
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
ESRmax
100 Hz
20
°C
m
Zmax
10 kHz
20
°C
m
IAC,max
100 Hz
60
°C
A
IAC,max
100 Hz
85
°C
A
IAC,R
100 Hz
105
°C
A
Ordering code
(composition see
below)
Capacitors with solder pins are only available in 35 and 40 mm case diameters.
Composition of ordering code
* =
Terminal type
## = Terminal style and insulation feature
1 = 4-pin snap-in terminals
2 = solder pin
00 = solder pin or 4-pin snap-in standard
terminals and PVC insulation
07 = 4-pin snap-in short terminals and PVC
insulation
80 = 4-pin snap-in standard terminals and PVC
insulation with additional PET insulation cap
on terminal side
87 = 4-pin snap-in short terminals and PVC
insulation with additional PET insulation cap
on terminal side
VR = 350 V DC
560
35
× 50
160
250
200
6.05
4.52
2.24
B435*4K4567M0##
560
40
× 40
160
250
200
5.90
4.41
2.18
B435*4L4567M0##
680
35
× 60
130
200
160
7.14
5.34
2.64
B435*4K4687M0##
680
40
× 50
130
200
160
7.03
5.26
2.60
B435*4L4687M0##
820
35
× 70
110
170
140
8.34
6.23
3.08
B435*4K4827M0##
820
40
× 50
110
170
140
7.72
5.77
2.85
B435*4L4827M0##
820
45
× 40
110
170
140
7.20
5.39
2.66
B43514M4827M0##
1000
35
× 80
90
140
110
9.72
7.27
3.60
B435*4K4108M0##
1000
40
× 60
90
140
110
9.11
6.82
3.37
B435*4L4108M0##
1000
45
× 50
90
140
110
8.56
6.41
3.17
B43514M4108M0##
1200
40
× 70
75
120
100
10.5
7.92
3.92
B435*4K4128M0##
1200
45
× 60
75
120
100
10.0
7.49
3.70
B43514L4128M0##
1500
40
× 90
60
100
75
13.0
9.79
4.84
B435*4B4158M0##
1500
45
× 70
60
100
75
11.8
8.86
4.39
B43514D4158M0##
1800
40
× 100
50
80
65
14.9
11.2
5.54
B435*4A4188M0##
1800
45
× 80
50
80
65
13.6
10.2
5.06
B43514B4188M0##
2200
45
× 100
40
65
50
16.5
12.3
6.11
B43514A4228M0##
VR = 400 V DC
470
35
× 50
190
290
240
5.54
4.14
2.05
B435*4K9477M0##
470
40
× 40
190
290
240
5.41
4.04
2.00
B435*4L9477M0##
560
35
× 60
160
250
200
6.48
4.85
2.40
B435*4K9567M0##
560
40
× 50
160
250
200
6.38
4.77
2.36
B435*4L9567M0##
560
45
× 40
160
250
200
5.95
4.45
2.20
B43514M9567M0##
680
35
× 70
130
200
160
7.59
5.68
2.81
B435*4K9687M0##
680
40
× 50
130
200
160
7.03
5.26
2.60
B435*4L9687M0##
B43514, B43524
Extended temperature range
105
°C
Page 9 of 19
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43524K4687M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43524 EPCOS-B43524 Datasheet
59Kb / 2P
   Capacitors with 4 Snap-In Terminals and Solder Pins
More results

Similar Description - B43524K4687M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com