Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL100512NJL Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SL100512NJL
Description  WOUND CHIP INDUCTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SL100512NJL Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SL100512NJL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SL100512NJL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SL100512NJL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SL100512NJL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SL100512NJL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SL100512NJL Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1). □:Packging Information… A:Bulk B:Taping Reel
56.0± 5%
47.0± 5%
82.0± 5%
100.0± 5%
68.0± 5%
39.0± 5%
AR-001A
2)."-
":Reference code
SL100547NJL□
SL100556NJL□
SL100582NJL□
SL1005R10JL□
SL100568NJL□
SL100539NJL□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
100
100
100
100
100
100
8
8
8
8
8
8
100
100
100
100
100
100
4.00
1500
1200
1400
5.50
4.50
1800
1500
1800
2.10
2.50
1.70
120
90
110
140
130
150
5.6± 0.3
4.7± 0.3
2.2± 0.3
3.3± 0.3
2.7± 0.3
3.9± 0.3
1.5± 0.3
1.8± 0.3
WOUND CHIP INDUCTOR
SPECIFICATION FOR APPROVAL
33.0± 5%
27.0± 5%
22.0± 5%
18.0± 5%
15.0± 5%
12.0± 5%
10.0± 5%
8.2± 5%
6.8± 5%
1.2± 0.3
1.0± 0.3
( nH )
Inductance
Ⅴ﹒
ELECTRICAL CHARACTERISTICS :
-□□□
SL10052N2DL□
SL100533NJL□
SL100527NJL□
SL100522NJL□
SL100518NJL□
SL100515NJL□
SL100512NJL□
SL100510NJL□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
SL10058N2JL□
SL10056N8JL□
SL10055N6DL□
SL10054N7DL□
SL10053N9DL□
SL10053N3DL□
SL10052N7DL□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
SL10051N8DL□
SL10051N5DL□
SL10051N2DL□
SL10051N0DL□
DWG No.
-□□□
-□□□
-□□□
-□□□
NAME
PROD.
REF :
100
400
0.09
6000
100
8
100
100
100
100
100
100
100
8
8
8
8
8
8
8
100
100
100
100
100
100
100
100
100
100
100
100
100
100
8
8
8
8
8
8
8
100
100
100
100
100
100
100
0.70
2200
1800
1800
2000
1.20
1.40
0.80
2800
2500
2800
0.45
0.60
0.41
240
200
170
200
320
240
320
0.17
4800
3500
4000
4600
0.35
0.30
0.19
5500
5200
5500
0.12
0.15
0.10
360
320
320
340
400
360
400
100
100
100
100
L
Test Freq. ( MHz )
8
8
8
8
min
Q
100
100
100
Q
100
ABC'S DWG NO.
ABC'S ITEM NO.
0.06
6000
6000
6000
0.08
0.07
min
( MHz )
6000
SRF
( Ω )
max
0.05
RDC
400
400
400
( mA )
IDC
max
400
SL1005□□□□L□-□□□
PAGE: 2


Similar Part No. - SL100512NJL

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
SL100 LUMINIS-SL100 Datasheet
16Kb / 1P
   Wall mount / Ceiling mount
logo
Rectron Semiconductor
SL100 RECTRON-SL100 Datasheet
278Kb / 6P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Electronic devices inc.
SL1000 EDI-SL1000 Datasheet
43Kb / 2P
   FAST RECOVERY, 100ns.HIGH VOLTAGE 40 ma, MINIATURE RECTIFIERS
logo
Faraday Technology
SL1000A FARADAY-SL1000A Datasheet
41Kb / 3P
   GENERAL PURPOSE VIDEO FILTERS
SL1000J FARADAY-SL1000J Datasheet
43Kb / 3P
   GENERAL PURPOSE VIDEO FILTERS
More results

Similar Description - SL100512NJL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
CM3225R12ML ABC-CM3225R12ML Datasheet
553Kb / 8P
   WOUND CHIP INDUCTOR
CM4532R10ML ABC-CM4532R10ML Datasheet
583Kb / 8P
   WOUND CHIP INDUCTOR
SW2022R47K2 ABC-SW2022R47K2 Datasheet
614Kb / 8P
   WOUND CHIP INDUCTOR
logo
Bourns Electronic Solut...
CW201212_MDS BOURNS-CW201212_MDS Datasheet
51Kb / 3P
   WOUND CHIP INDUCTOR
logo
XFMRS Inc.
XFWIC453630-331K XFMRS-XFWIC453630-331K Datasheet
46Kb / 1P
   Wound Chip Inductor
logo
ABC Taiwan Electronics ...
CM252010NJ3 ABC-CM252010NJ3 Datasheet
138Kb / 8P
   WOUND CHIP INDUCTOR
logo
XFMRS Inc.
XFWIC453630-150K XFMRS-XFWIC453630-150K Datasheet
36Kb / 1P
   Wound Chip Inductor
XFWIC453630-470K XFMRS-XFWIC453630-470K Datasheet
64Kb / 1P
   Wound Chip Inductor
XF070603-R10M XFMRS-XF070603-R10M Datasheet
35Kb / 1P
   WOUND CHIP INDUCTOR
XF070603-R20M XFMRS-XF070603-R20M Datasheet
36Kb / 1P
   WOUND CHIP INDUCTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com