Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM1608 Datasheet(PDF) 4 Page - ABC Taiwan Electronics Corp

Part # SM1608
Description  MULTILAYER CHIP BEAD
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SM1608 Datasheet(HTML) 4 Page - ABC Taiwan Electronics Corp

  SM1608 Datasheet HTML 1Page - ABC Taiwan Electronics Corp SM1608 Datasheet HTML 2Page - ABC Taiwan Electronics Corp SM1608 Datasheet HTML 3Page - ABC Taiwan Electronics Corp SM1608 Datasheet HTML 4Page - ABC Taiwan Electronics Corp SM1608 Datasheet HTML 5Page - ABC Taiwan Electronics Corp SM1608 Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Carrier tape width : D
Components
SPECIFICATION FOR APPROVAL
ABC'S ITEM NO.
ABC'S DWG NO.
G.W. (Kg)
200 m/m min.
AR-001A
End
Inner : Reel
120
90
G.W. (gw)
140
150
170
180
2,000
SM3266
SM4532
SM4516
1,000
2,000
( 3 ) Q'TY & G.W. Per package
Q'TY (pcs)
SM2029
SM1608
SM3261
Series
3,000
4,000
4,000
80
07 - 08
07 - 12
07 - 12
30
80
07 - 08
07 - 08
07 - 08
Style
200
200
120
P:4 m/m
21±0.8
21±0.8
B
no component
( 2 ) Dimensions
07 - 08
07 - 12
Style
178
178
A
Leader
User direction of feed
13
13
C
12
D
8
4 m/m
( 1 ) Configuration
Ⅵ﹒PACKAGING INFORMATION:
PROD.
NAME
REF :
MULTILAYER CHIP BEAD
2.0±0.5
C
G
T
41 x 39 x 22
8.2
41 x 39 x 22
41 x 39 x 22
9.3
9.7
41 x 39 x 22
41 x 39 x 22
41 x 39 x 22
Outer : Carton
8.5
8.5
7.0
Size (cm)
Start
400 m/m min.
Unit:m/m
no component
50
50
10 +0
14 +0
G
-0
-0
N
12.5
16.5
T
Trailer
SM□□□□□□□□L□-□□□
Cover Tape
D
Embossed Carrier
PAGE: 3


Similar Part No. - SM1608

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SM1608 PROTEC-SM1608 Datasheet
104Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
SM1608 PROTEC-SM1608 Datasheet
72Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
SM1608 PROTEC-SM1608 Datasheet
636Kb / 6P
   500 WATT MULTI-LINE TVS ARRAY
SM1608 PROTEC-SM1608 Datasheet
639Kb / 6P
   500 WATT MULTI-LINE TVS ARRAY
SM1608-LF-T7 PROTEC-SM1608-LF-T7 Datasheet
72Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
More results

Similar Description - SM1608

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
MU1005300YL ABC-MU1005300YL Datasheet
117Kb / 6P
   MULTILAYER CHIP BEAD
logo
AiT Semiconductor Inc.
FBP AITSEMI-FBP Datasheet
197Kb / 4P
   MULTILAYER CHIP BEAD
logo
ABC Taiwan Electronics ...
MD1608400YL ABC-MD1608400YL Datasheet
361Kb / 7P
   MULTILAYER CHIP BEAD
logo
Bourns Electronic Solut...
CI160808_MDS BOURNS-CI160808_MDS Datasheet
301Kb / 1P
   Multilayer Chip Bead
logo
AiT Semiconductor Inc.
FBA AITSEMI-FBA Datasheet
167Kb / 3P
   MULTILAYER CHIP BEAD
logo
Abracon Corporation
ACBA-0805 ABRACON-ACBA-0805 Datasheet
1Mb / 3P
   Multilayer Chip Bead Array
09.26.12
ACBA-1206 ABRACON-ACBA-1206 Datasheet
266Kb / 2P
   MULTILAYER CHIP BEAD ARRAY
08.07.07
ACML-0402 ABRACON-ACML-0402 Datasheet
2Mb / 3P
   MULTILAYER FERRITE CHIP BEAD
01.03.13
ACML-0603 ABRACON-ACML-0603 Datasheet
2Mb / 4P
   MULTILAYER FERRITE CHIP BEAD
01.19.14
logo
Caliber Electronics Inc...
BF-NB100505 CALIBER-BF-NB100505 Datasheet
28Kb / 1P
   Multilayer Ferrite Chip Bead
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com