Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43505C5227M000 Datasheet(PDF) 6 Page - EPCOS

Part # B43505C5227M000
Description  Aluminum electrolytic capacitors21
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43505C5227M000 Datasheet(HTML) 6 Page - EPCOS

Back Button B43505C5227M000 Datasheet HTML 2Page - EPCOS B43505C5227M000 Datasheet HTML 3Page - EPCOS B43505C5227M000 Datasheet HTML 4Page - EPCOS B43505C5227M000 Datasheet HTML 5Page - EPCOS B43505C5227M000 Datasheet HTML 6Page - EPCOS B43505C5227M000 Datasheet HTML 7Page - EPCOS B43505C5227M000 Datasheet HTML 8Page - EPCOS B43505C5227M000 Datasheet HTML 9Page - EPCOS B43505C5227M000 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Packing of snap-in capacitors
For ecological reasons the packing is pure cardboard. Components can be withdrawn (in full or in
part) in the correct position for insertion.
Ordering codes for terminal styles and insulation features
Identification in 3rd block of ordering code
Snap-in capacitors
Terminal version
Insulation version
PVC
PET
(B43505 only)
PVC plus PET cap
(B43505 only)
Standard terminals 6.3 mm
M000
M060
M080
Short terminals 4.5 mm
M007
M067
M087
3 terminals 4.5 mm
M002
M062
M082
Ordering examples:
B43505A5107M007
}
snap-in capacitor with short terminals and standard PVC insulation
B43505A5107M062
}
snap-in capacitor with 3 terminals and PET insulation
B43505A5107M080
}
snap-in capacitor with standard terminals and PVC insulation with
additional PET insulation cap on terminal side
B41505, B43505
Excellent performance
105
°C
Page 6 of 21
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43505C5227M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43505C5227M000 EPCOS-B43505C5227M000 Datasheet
312Kb / 13P
   Snap-In Capacitors Excellent Performance
More results

Similar Description - B43505C5227M000

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
MLSG_S CDE-MLSG_S Datasheet
333Kb / 7P
   Aluminum Electrolytic
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13DL-CD117 SUNTAN-TS13DL-CD117 Datasheet
278Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DM-CD71A SUNTAN-TS13DM-CD71A Datasheet
284Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DS-CD296 SUNTAN-TS13DS-CD296 Datasheet
193Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13EG-CD135X SUNTAN-TS13EG-CD135X Datasheet
207Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com