Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN30102R2ML Datasheet(PDF) 1 Page - ABC Taiwan Electronics Corp

Part # SN30102R2ML
Description  SMD POWER INDUCTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SN30102R2ML Datasheet(HTML) 1 Page - ABC Taiwan Electronics Corp

  SN30102R2ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SN30102R2ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SN30102R2ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SN30102R2ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SN30102R2ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SN30102R2ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
REF : 20091116-C
PAGE: 1
SPECIFICATION FOR APPROVAL
PROD.
NAME
ABC'S DWG NO.
ABC'S ITEM NO.
Ⅰ﹒CONFIGURATION & DIMENSIONS:
Ⅱ﹒SCHEMATIC DIAGRAM:
Ⅲ﹒MATERIALS:
Ⅳ﹒GENERAL SPECIFICATION:
a﹒Core:Ferrite core
b﹒Operating Temp.:-40℃----+125℃
a﹒Storage Temp.:-40℃ ----+85℃
c﹒Resistance To Solder Heat:260℃.10 Secs.
B :
3.0 ± 0.10
C :
1.0 max.
E :
0.9 ± 0.20
d﹒Coating:Magnetic Epoxy resin
c﹒Terminal:Ni/Cu/Ag alloy with Sn
m / m
m / m
m / m
AR-001A
100
0
50
50
150
250
200
Rising Area
Temperature
+3.0
/ sec max.
Forced Cooling Area
6.0
/ sec max.
Peak Temperature:
Time ( seconds )
100
150
200
40~90sec max.
250 +5/-10
,5sec max.
150 ~ 200
/ 60 ~ 180sec
Preheat Area
+1.5 ~ 3.0℃
R eflow Area
250
217℃
Max time above 217℃ :90sec max.
Peak Temp:255℃ max.
A :
3.0 ± 0.10
m / m
requirements
e﹒Remark:Products comply with RoHS'
a
b
( PCB Pattern )
c
b﹒Wire:Enamelled Copper Wire ( class H )
A
E
F
E
D :
2.7 typ.
m / m
F :
1.2 ± 0.20
m / m
1.0
1.2
1.0
SN3010□□□□L□-□□□
SMD POWER INDUCTOR
d


Similar Part No. - SN30102R2ML

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
SN3000 KNIGHTSBRIDGE-SN3000 Datasheet
178Kb / 1P
   10AX 2G 2-way Switch
25/03/2024
logo
Murata Power Solutions ...
SN3020 MURATA-PS-SN3020 Datasheet
486Kb / 26P
   Smart Energy Module
SN3020EVK MURATA-PS-SN3020EVK Datasheet
486Kb / 26P
   Smart Energy Module
More results

Similar Description - SN30102R2ML

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com