Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41851B5227M002 Datasheet(PDF) 8 Page - EPCOS

Part # B41851B5227M002
Description  Aluminum electrolytic capacitors
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41851B5227M002 Datasheet(HTML) 8 Page - EPCOS

Back Button B41851B5227M002 Datasheet HTML 4Page - EPCOS B41851B5227M002 Datasheet HTML 5Page - EPCOS B41851B5227M002 Datasheet HTML 6Page - EPCOS B41851B5227M002 Datasheet HTML 7Page - EPCOS B41851B5227M002 Datasheet HTML 8Page - EPCOS B41851B5227M002 Datasheet HTML 9Page - EPCOS B41851B5227M002 Datasheet HTML 10Page - EPCOS B41851B5227M002 Datasheet HTML 11Page - EPCOS B41851B5227M002 Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
Technical data and ordering codes
B41851
CR
120 Hz
20
°C
µF
Case dimensions
d
× l
mm
ESRmax
120 Hz
20
°C
IAC,R
120 Hz
105
°C
mA
IAC,max
120 Hz
85
°C
mA
Ordering code
(composition see below)
Composition of ordering code
*** = Version
000 = for standard leads, bulk
001 = for kinked leads, bulk (from d
× l = 10 × 20 mm to 18 × 40 mm)
002 = for cut leads, bulk (from d
× l = 10 × 12.5 mm to 22 × 40 mm)
003 = for crimped leads, blister (from d
× l = 16 × 20 mm to 20 × 40 mm)
004 = for J leads, blister (from d
× l = 10 × 12.5 mm to 18 × 35 mm)
008 = for taped leads, Ammo pack, lead spacing F = 5.0 mm (from d
× l = 5 × 11 mm to 12.5 × 25 mm)
009 = for taped leads, Ammo pack, lead spacing F = 7.5 mm (from d
× l = 16 × 20 mm to 18 × 31.5 mm)
012 = for bent 90
° leads, blister (for ∅ 16 and 18 mm)
VR = 6.3 V DC
330
6.3
× 11
1.4
195
275
B41851A2337M***
470
8
× 11.5
1.0
265
370
B41851B2477M***
680
8
× 11.5
0.68
295
413
B41851F2687M***
1000
10
× 12.5
0.46
455
635
B41851A2108M***
1500
10
× 16
0.31
525
735
B41851F2158M***
2200
10
× 20
0.23
710
995
B41851A2228M***
3300
10
× 20
0.16
840
1175
B41851A2338M***
4700
12.5
× 25
0.12
1120
1570
B41851A2478M***
VR = 10 V DC
100
5
× 11
4.0
105
150
B41851A3107M***
220
6.3
× 11
1.8
175
245
B41851A3227M***
330
8
× 11.5
1.2
220
310
B41851B3337M***
470
8
× 11.5
0.85
280
390
B41851A3477M***
680
10
× 12.5
0.59
330
460
B41851A3687M***
1000
10
× 12.5
0.40
460
645
B41851A3108M***
1500
10
× 20
0.27
510
715
B41851A3158M***
2200
10
× 20
0.20
760
1065
B41851A3228M***
3300
12.5
× 25
0.14
1085
1520
B41851A3338M***
4700
16
× 20
0.11
1190
1665
B41851A3478M***
6800
16
× 25
0.08
1575
2205
B41851F3688M***
10000
18
× 31.5
0.07
1820
2250
B41851F3109M***
B41851
Standard series
105
°C
Page 8 of 36
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41851B5227M002

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41851A2227 EPCOS-B41851A2227 Datasheet
725Kb / 37P
   Aluminum electrolytic capacitors Single-ended capacitors
B41851A2337 EPCOS-B41851A2337 Datasheet
725Kb / 37P
   Aluminum electrolytic capacitors Single-ended capacitors
B41851A3107 EPCOS-B41851A3107 Datasheet
725Kb / 37P
   Aluminum electrolytic capacitors Single-ended capacitors
B41851A3227 EPCOS-B41851A3227 Datasheet
725Kb / 37P
   Aluminum electrolytic capacitors Single-ended capacitors
B41851A4107 EPCOS-B41851A4107 Datasheet
725Kb / 37P
   Aluminum electrolytic capacitors Single-ended capacitors
More results

Similar Description - B41851B5227M002

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com