Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP24801R0YL Datasheet(PDF) 4 Page - ABC Taiwan Electronics Corp

Part # SP24801R0YL
Description  SHIELDED SMD POWER INDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SP24801R0YL Datasheet(HTML) 4 Page - ABC Taiwan Electronics Corp

  SP24801R0YL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SP24801R0YL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SP24801R0YL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SP24801R0YL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SP24801R0YL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SP24801R0YL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SP24801R0YL Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SHIELDED SMD
AR-001A
NAME
PROD.
REF :
SPECIFICATION FOR APPROVAL
POWER INDUCTOR
PAGE: 4
ABC'S DWG No.
ABC'S ITEM No.
SP2480□□□□L□-□□□
G.W. (Kg)
Outer : Carton
Q'TY (pcs)
( 3 ) Q'TY & G.W. Per package
330
13 - 44
SP2480
Series
150
( 2 ) Dimensions
Style
A
13.0
Style
13 - 44
Inner : Reel
2275
G.W. (gw)
Q'TY (pcs)
600
C
BD
100
Size (cm)
395 x 395 x 265
11.90
GN
-0
Unit:m/m
T
Carrier tape width : D
G
C
Ⅵ﹒
PACKAGING INFORMATION:
2.0±0.5
( 1 ) Configuration
T
Embossed Carrier
D
Cover Tape
44.0±0.3
+0.5
-0.2
44.4
+2.0
-0
50.4
+0
21.0±0.8
End
4 m/m
Start
P:28 m/m
User direction of feed
Components
no component
200 m/m min.
400 m/m min.
no component
Leader
Trailer
1R0
1R0
1R0
1R0


Similar Part No. - SP24801R0YL

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
SP24 RHOMBUS-IND-SP24 Datasheet
43Kb / 1P
   SP24 Series 20-Tap High Performance Passive Delay Modules
logo
List of Unclassifed Man...
SP24 ETC2-SP24 Datasheet
178Kb / 3P
   Heat Shrink
logo
Littelfuse
SP24-01WTG-C-HV LITTELFUSE-SP24-01WTG-C-HV Datasheet
1,014Kb / 6P
   100W Discrete Bidirectional TVS Diode
logo
Shanghai Leiditech Elec...
SP24-01WTG-C-HV LEIDITECH-SP24-01WTG-C-HV Datasheet
907Kb / 4P
   1-Line Bi-directional TVS Diode
Rev : 01.06.2018
logo
Rhombus Industries Inc.
SP24-1001 RHOMBUS-IND-SP24-1001 Datasheet
43Kb / 1P
   SP24 Series 20-Tap High Performance Passive Delay Modules
More results

Similar Description - SP24801R0YL

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-1306S ABRACON-ASPI-1306S Datasheet
1Mb / 3P
   SMD SHIELDED POWER INDUCTOR
07.25.13
logo
Central Technologies
CTSR0906F CT-CTSR0906F Datasheet
429Kb / 1P
   SMD Shielded Power Inductor
logo
ABC Taiwan Electronics ...
SS12052R5ML ABC-SS12052R5ML Datasheet
609Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS12801R1YL ABC-SS12801R1YL Datasheet
147Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SU10303R5YF ABC-SU10303R5YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU20091R0YP ABC-SU20091R0YP Datasheet
101Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU20131R0YL ABC-SU20131R0YL Datasheet
105Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU30091R3YL ABC-SU30091R3YL Datasheet
96Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU50284R7Y2 ABC-SU50284R7Y2 Datasheet
129Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
   SHIELDED SMD POWER INDUCTOR
logo
Datatronic Distribution...
DR364-202 DATATRONICS-DR364-202 Datasheet
81Kb / 1P
   SHIELDED SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com