Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6045R70YL Datasheet(PDF) 6 Page - ABC Taiwan Electronics Corp

Part # SP6045R70YL
Description  SHIELDED SMD POWER INDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SP6045R70YL Datasheet(HTML) 6 Page - ABC Taiwan Electronics Corp

  SP6045R70YL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SP6045R70YL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SP6045R70YL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SP6045R70YL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SP6045R70YL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SP6045R70YL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SP6045R70YL Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Flux : Rosin
Solder : Sn96.5 / Ag3 / Cu0.5 or equivalent
Preheat : 150±25
for 60 seconds
Dip time : 4±1 seconds
Solder temp. : 235±5℃
SP6045□□□□L□-□□□
SHIELDED SMD
POWER INDUCTOR
NAME
PROD.
ABC'S ITEM No.
ABC'S DWG No.
PAGE: 6
Test condition
85±2 ℃
30 minutes
-25±2 ℃
30 minutes
Specification
terminal electrode
With fresh solder.
Shall be covered
More than 90% of the
REF :
Solderability
Ⅷ﹒
RELIABILITY TEST:
Test item
not change more
Inductance shall
than ±20%
AR-001A
Humidity
Resistance test
High temp.
Resistance test
( Temp. cycle )
Thermal shock test
SPECIFICATION FOR APPROVAL
Applied current : Per spec.
Applied current : Per spec.
Temperature : 85±2℃
Time : 500 hours
Time : 500 hours
Humidity : 90 ~ 95%
Temperature : 40±2℃
15 minutes
15 minutes
Total : 50 cycles
Room temp.
Room temp.


Similar Part No. - SP6045R70YL

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
SP60 AMPHENOL-SP60 Datasheet
97Kb / 4P
   Ultra-stable Probe Thermistors
SP60 AMPHENOL-SP60 Datasheet
1Mb / 16P
   Thermometrics temperature sensor solutions
logo
Copal Electronics
SP60-2000 COPAL-SP60-2000 Datasheet
94Kb / 2P
   STEPPING MOTORS
logo
Amphenol Corporation
SP60-A-A-202 AMPHENOL-SP60-A-A-202 Datasheet
97Kb / 4P
   Ultra-stable Probe Thermistors
SP60-A-B-202 AMPHENOL-SP60-A-B-202 Datasheet
97Kb / 4P
   Ultra-stable Probe Thermistors
More results

Similar Description - SP6045R70YL

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-1306S ABRACON-ASPI-1306S Datasheet
1Mb / 3P
   SMD SHIELDED POWER INDUCTOR
07.25.13
logo
Central Technologies
CTSR0906F CT-CTSR0906F Datasheet
429Kb / 1P
   SMD Shielded Power Inductor
logo
ABC Taiwan Electronics ...
SS12052R5ML ABC-SS12052R5ML Datasheet
609Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS12801R1YL ABC-SS12801R1YL Datasheet
147Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SU10303R5YF ABC-SU10303R5YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU20091R0YP ABC-SU20091R0YP Datasheet
101Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU20131R0YL ABC-SU20131R0YL Datasheet
105Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU30091R3YL ABC-SU30091R3YL Datasheet
96Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU50284R7Y2 ABC-SU50284R7Y2 Datasheet
129Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
   SHIELDED SMD POWER INDUCTOR
logo
Datatronic Distribution...
DR364-202 DATATRONICS-DR364-202 Datasheet
81Kb / 1P
   SHIELDED SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com