Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1026BEEE-T Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1026BEEE-T
Description  10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1026BEEE-T Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1026BEEE-T Datasheet HTML 2Page - Maxim Integrated Products MAX1026BEEE-T Datasheet HTML 3Page - Maxim Integrated Products MAX1026BEEE-T Datasheet HTML 4Page - Maxim Integrated Products MAX1026BEEE-T Datasheet HTML 5Page - Maxim Integrated Products MAX1026BEEE-T Datasheet HTML 6Page - Maxim Integrated Products MAX1026BEEE-T Datasheet HTML 7Page - Maxim Integrated Products MAX1026BEEE-T Datasheet HTML 8Page - Maxim Integrated Products MAX1026BEEE-T Datasheet HTML 9Page - Maxim Integrated Products MAX1026BEEE-T Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
4.0494
4.0496
4.0495
4.0498
4.0497
4.0499
4.0500
4.75
4.95
4.85
5.05
5.15
5.25
INTERNAL REFERENCE VOLTAGE
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
10-Bit 300ksps ADCs with FIFO,
Temp Sensor, Internal Reference
6
_______________________________________________________________________________________
SFDR vs. FREQUENCY
FREQUENCY (kHz)
100
10
1
20
40
60
80
100
120
0
0.1
1000
SUPPLY CURRENT vs. SAMPLING RATE
SAMPLING RATE (ksps)
100
10
400
600
800
1000
1200
200
1
1000
SUPPLY CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.15
5.05
4.95
4.85
1050
1100
1150
1200
1000
4.75
5.25
0
0.2
0.1
0.4
0.3
0.5
0.6
4.75
4.95
4.85
5.05
5.15
5.25
SHUTDOWN SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
1050
1100
1150
1200
1250
1300
1000
-40
85
fS = 300ksps
0
0.2
0.1
0.4
0.3
0.5
0.6
-40
10
-15
35
60
85
SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
Typical Operating Characteristics (continued)
(VDD = +5V, VREF = +4.096V, fSCLK = 4.8MHz, CLOAD = 30pF, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX1026BEEE-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1026BEEE-T MAXIM-MAX1026BEEE-T Datasheet
474Kb / 24P
   10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 1; 7/03
More results

Similar Description - MAX1026BEEE-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1026 MAXIM-MAX1026 Datasheet
474Kb / 24P
   10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 1; 7/03
MAX1027 MAXIM-MAX1027 Datasheet
248Kb / 23P
   10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 2; 10/05
MAX1027 MAXIM-MAX1027_V01 Datasheet
821Kb / 22P
   10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
2011
MAX1026 MAXIM-MAX1026_11 Datasheet
339Kb / 22P
   10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 4; 4/11
MAX1027 MAXIM-MAX1027_09 Datasheet
200Kb / 23P
   10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 3; 3/09
MAX1227 MAXIM-MAX1227_11 Datasheet
230Kb / 22P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 6; 5/11
MAX1227 MAXIM-MAX1227_12 Datasheet
231Kb / 22P
   12-Bit 300ksps ADCs with FIFO,Temp Sensor, Internal Reference
Rev 7; 4/12
MAX1227 MAXIM-MAX1227_10 Datasheet
265Kb / 22P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 3; 2/10
MAX1226 MAXIM-MAX1226 Datasheet
543Kb / 24P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
19-2852; Rev 1; 7/03
MAX1227 MAXIM-MAX1227 Datasheet
512Kb / 24P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
19-2851; Rev 1; 7/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com