Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41044A3157M000 Datasheet(PDF) 11 Page - EPCOS

Part # B41044A3157M000
Description  Aluminum electrolytic capacitors
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41044A3157M000 Datasheet(HTML) 11 Page - EPCOS

Back Button B41044A3157M000 Datasheet HTML 7Page - EPCOS B41044A3157M000 Datasheet HTML 8Page - EPCOS B41044A3157M000 Datasheet HTML 9Page - EPCOS B41044A3157M000 Datasheet HTML 10Page - EPCOS B41044A3157M000 Datasheet HTML 11Page - EPCOS B41044A3157M000 Datasheet HTML 12Page - EPCOS B41044A3157M000 Datasheet HTML 13Page - EPCOS B41044A3157M000 Datasheet HTML 14Page - EPCOS B41044A3157M000 Datasheet HTML 15Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Single-ended capacitors
B41044, B43044
Very low impedance – 105
°C
11 08/08
Please read Cautions and warnings and
Important notes at the end of this document.
*** = Version
000 = for standard leads, bulk
001 = for kinked leads, bulk
002 = for cut leads, bulk
016 = for taped leads, Ammo pack, lead spacing a = 2.0 mm
007 = for taped leads, Ammo pack, lead spacing a = 2.5 mm
006 = for taped leads, Ammo pack, lead spacing a = 3.5 mm
008 = for taped leads, Ammo pack, lead spacing a = 5.0 mm
Technical data and ordering codes B41044
VR
V DC
CR
120 Hz
20
°C
µF
Case
dimensions
d × l
mm
Zmax
100 kHz
20
°C
IAC,R
100 kHz
105
°C
mA
Ordering code
(composition see
below)
35
4.7
5
× 11
0.70
180
B41044A7475M***
10
5
× 11
0.70
180
B41044A7106M***
22
5
× 11
0.70
180
B41044A7226M***
33
5
× 11
0.65
180
B41044A7336M***
47
6.3
× 11
0.30
280
B41044A7476M***
100
8
× 11.5
0.14
450
B41044A7107M***
150
8
× 11.5
0.14
450
B41044A7157M***
220
10
× 12.5
0.10
660
B41044A7227M***
330
10
× 16
0.080
850
B41044A7337M***
470
10
× 20
0.054
1100
B41044A7477M***
680
12.5
× 20
0.050
1400
B41044A7687M***
1000
12.5
× 25
0.038
1700
B41044A7108M***
1500
16
× 25
0.030
2100
B41044A7158M***
2200
16
× 31.5
0.025
2600
B41044A7228M***
3300
18
× 35.5
0.022
3000
B41044A7338M***
50
0.22
5
× 11
8.0
18
B41044A6224M***
0.47
5
× 11
5.0
25
B41044A6474M***
1.0
5
× 11
3.5
40
B41044A6105M***
2.2
5
× 11
3.0
55
B41044A6225M***
3.3
5
× 11
2.6
65
B41044A6335M***
4.7
5
× 11
2.3
90
B41044A6475M***
10
5
× 11
1.4
120
B41044A6106M***
22
5
× 11
1.2
150
B41044A6226M***
33
6.3
× 11
0.60
200
B41044A6336M***
47
8
× 11.5
0.43
250
B41044A6476M***
100
8
× 11.5
0.35
340
B41044A6107M***
150
10
× 12.5
0.17
490
B41044A6157M***
220
10
× 16
0.20
650
B41044A6227M***
330
10
× 20
0.10
810
B41044A6337M***
470
12.5
× 20
0.085
1100
B41044A6477M***
680
12.5
× 25
0.065
1200
B41044A6687M***
1000
16
× 25
0.043
1600
B41044A6108M***
1500
16
× 31.5
0.038
2000
B41044A6158M***
2200
18
× 35.5
0.034
2300
B41044A6228M***
AEC-C_B41044_B43044.book Seite 11 Dienstag, 5. August 2008 4:13 16


Similar Part No. - B41044A3157M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41041A2107M000 EPCOS-B41041A2107M000 Datasheet
1,014Kb / 24P
   Aluminum electrolytic capacitors
B41041A2107M006 EPCOS-B41041A2107M006 Datasheet
1,014Kb / 24P
   Aluminum electrolytic capacitors
B41041A2107M008 EPCOS-B41041A2107M008 Datasheet
1,014Kb / 24P
   Aluminum electrolytic capacitors
B41041A2107M016 EPCOS-B41041A2107M016 Datasheet
1,014Kb / 24P
   Aluminum electrolytic capacitors
B41041A2108M000 EPCOS-B41041A2108M000 Datasheet
1,014Kb / 24P
   Aluminum electrolytic capacitors
More results

Similar Description - B41044A3157M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com