Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQ32162R2M3 Datasheet(PDF) 1 Page - ABC Taiwan Electronics Corp

Part # SQ32162R2M3
Description  SMD POWER INDUCTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SQ32162R2M3 Datasheet(HTML) 1 Page - ABC Taiwan Electronics Corp

  SQ32162R2M3 Datasheet HTML 1Page - ABC Taiwan Electronics Corp SQ32162R2M3 Datasheet HTML 2Page - ABC Taiwan Electronics Corp SQ32162R2M3 Datasheet HTML 3Page - ABC Taiwan Electronics Corp SQ32162R2M3 Datasheet HTML 4Page - ABC Taiwan Electronics Corp SQ32162R2M3 Datasheet HTML 5Page - ABC Taiwan Electronics Corp SQ32162R2M3 Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
+2.0 ~ 4.0℃
50sec max.
70sec max.
K : 0.80 ref.
H : 2.00 ref.
I : 1.50 ref.
G : 3.80 ref.
A : 3.20±0.30
a
E : 0.90 min.
D : 1.10 typ.
C : 1.85±0.30
B : 1.60±0.30
SQ3216□□□□3□-□□□
Ⅲ﹒MATERIALS LIST:
d﹒Remark:Products comply with RoHS'
Current cause inductance
c﹒Terminal:Ag/Ni/Sn
c﹒Operating temp.:-40℃----+105℃
b﹒Storage temp.:-40℃ ----+125℃
a﹒Temp. rise :40℃ max.
e﹒Resistance to solder heat :260℃.10 secs.
d﹒Rated current (Irms):
b﹒Wire:Enamelled copper wire (class F)
a﹒Core:Ferrite core
Ⅳ﹒GENERAL SPECIFICATION:
AR-001A
drop within 10% max.
requirements
250
0
50
50
150
100
200
Time ( seconds )
100
150
150 ~ 200
/ 60 ~ 120sec
Max time above 230℃ :50sec max.
Max time above 200℃ :70sec max.
+4.0
/ sec max.
Temperature
Rising Area
Peak Temp:260℃ max.
Preheat Area
c
Reflow Area
/ sec max.
Ⅱ﹒SCHEMATIC DIAGRAM:
Ⅰ﹒MECHANICAL DIMENSIONS:
NAME
PROD.
REF :
(PCB Pattern)
K
G
E
D
E
I
I
B
SPECIFICATION FOR APPROVAL
ABC'S ITEM NO.
A
SMD POWER INDUCTOR
ABC'S DWG NO.
b
200
250
230℃
Peak Temperature:
Forced Cooling Area
-(1.0 ~ 5.0)
/ sec max.
260℃
m/m
m/m
m/m
m/m
m/m
m/m
m/m
m/m
m/m
PAGE: 1


Similar Part No. - SQ32162R2M3

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SQ3225100K2 ABC-SQ3225100K2 Datasheet
488Kb / 6P
   SMD POWER INDUCTOR
SQ3225100K3 ABC-SQ3225100K3 Datasheet
471Kb / 6P
   SMD POWER INDUCTOR
SQ3225100KL ABC-SQ3225100KL Datasheet
491Kb / 7P
   SMD POWER INDUCTOR
SQ3225101K2 ABC-SQ3225101K2 Datasheet
488Kb / 6P
   SMD POWER INDUCTOR
SQ3225101K3 ABC-SQ3225101K3 Datasheet
471Kb / 6P
   SMD POWER INDUCTOR
More results

Similar Description - SQ32162R2M3

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com