Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQ3216100K3 Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SQ3216100K3
Description  SMD POWER INDUCTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SQ3216100K3 Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SQ3216100K3 Datasheet HTML 1Page - ABC Taiwan Electronics Corp SQ3216100K3 Datasheet HTML 2Page - ABC Taiwan Electronics Corp SQ3216100K3 Datasheet HTML 3Page - ABC Taiwan Electronics Corp SQ3216100K3 Datasheet HTML 4Page - ABC Taiwan Electronics Corp SQ3216100K3 Datasheet HTML 5Page - ABC Taiwan Electronics Corp SQ3216100K3 Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AR-001A
1). □:Packaging Information… A:Bulk B:Taping Reel
27.00±10%
0.33±20%
Inductance
1.00±20%
0.12±20%
0.47±20%
0.22±20%
4.70±20%
2.20±20%
22.00±10%
100.00±10%
47.00±10%
10.00±10%
Ⅴ﹒ELECTRICAL CHARACTERISTICS :
SPECIFICATION FOR APPROVAL
SMD POWER INDUCTOR
SQ32162R2M3□-□□□
2)."-
":Reference code
SQ3216270K3□-□□□
SQ3216220K3□-□□□
SQ3216470K3□-□□□
SQ3216101K3□-□□□
SQ32164R7M3□-□□□
SQ3216100K3□-□□□
NAME
PROD.
REF :
SQ32161R0M3□-□□□
SQ3216R47M3□-□□□
SQ3216R22M3□-□□□
SQ3216R12M3□-□□□
SQ3216R33M3□-□□□
DWG No.
( μH )
1K
430
0.574
50.0
11.200
16.800
1K
1K
1K
1K
1K
1K
10.0
7.0
13.0
31.0
20.0
14.0
100
80
1.820
4.500
4.200
0.910
230
150
160
340
max.
1K
1K
1K
1K
Test Freq
L
( Hz )
1K
250.0
300.0
100.0
180.0
250.0
(MHz)
min.
SRF
ABC'S ITEM NO.
ABC'S DWG NO.
(mA)
max.
850
0.140
0.210
0.392
0.160
700
510
800
( Ω )
0.112
RDC
970
IDC
SQ3216□□□□3□-□□□
PAGE: 2


Similar Part No. - SQ3216100K3

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SQ3225100K2 ABC-SQ3225100K2 Datasheet
488Kb / 6P
   SMD POWER INDUCTOR
SQ3225100K3 ABC-SQ3225100K3 Datasheet
471Kb / 6P
   SMD POWER INDUCTOR
SQ3225100KL ABC-SQ3225100KL Datasheet
491Kb / 7P
   SMD POWER INDUCTOR
SQ3225101K2 ABC-SQ3225101K2 Datasheet
488Kb / 6P
   SMD POWER INDUCTOR
SQ3225101K3 ABC-SQ3225101K3 Datasheet
471Kb / 6P
   SMD POWER INDUCTOR
More results

Similar Description - SQ3216100K3

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com