Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1167BCEE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1167BCEE
Description  Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1167BCEE Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1167BCEE Datasheet HTML 1Page - Maxim Integrated Products MAX1167BCEE Datasheet HTML 2Page - Maxim Integrated Products MAX1167BCEE Datasheet HTML 3Page - Maxim Integrated Products MAX1167BCEE Datasheet HTML 4Page - Maxim Integrated Products MAX1167BCEE Datasheet HTML 5Page - Maxim Integrated Products MAX1167BCEE Datasheet HTML 6Page - Maxim Integrated Products MAX1167BCEE Datasheet HTML 7Page - Maxim Integrated Products MAX1167BCEE Datasheet HTML 8Page - Maxim Integrated Products MAX1167BCEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Multichannel, 16-Bit, 200ksps Analog-to-Digital
Converters
_______________________________________________________________________________________
5
TIMING CHARACTERISTICS (Figures 1, 2, 8, and 16)
(AVDD = DVDD = +4.75V to +5.25V, fSCLK = 4.8MHz external clock (50% duty cycle), 24 clocks/conversion (200ksps), external
VREF = +4.096V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Acquisition Time
tACQ
External clock (Note 6)
729
ns
SCLK to DOUT Valid
tDO
CDOUT = 30pF
50
ns
CS Fall to DOUT Enable
tDV
CDOUT = 30pF
80
ns
CS Rise to DOUT Disable
tTR
CDOUT = 30pF
80
ns
CS Pulse Width
tCSW
100
ns
SCLK rise
CS to SCLK Setup
tCSS
SCLK fall (DSP)
100
ns
SCLK rise
CS to SCLK Hold
tCSH
SCLK fall (DSP)
0ns
Conversion
93
SCLK High Pulse Width
tCH
Duty cycle 45% to 55%
Data transfer
50
ns
Conversion
93
SCLK Low Pulse Width
tCL
Duty cycle 45% to 55%
Data transfer
50
ns
SCLK Period
tCP
209
ns
SCLK rise
DIN to SCLK Setup
tDS
SCLK fall (DSP)
50
ns
SCLK rise
DIN to SCLK Hold
tDH
SCLK fall (DSP)
0ns
CS Falling to DSPR Rising
tDF
100
ns
DSPR to SCLK Falling Setup
tFSS
100
ns
DSPR to SCLK Falling Hold
tFSH
0ns


Similar Part No. - MAX1167BCEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1167BCEE MAXIM-MAX1167BCEE Datasheet
462Kb / 30P
   Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters
Rev 0; 8/03
MAX1167BCEE MAXIM-MAX1167BCEE Datasheet
348Kb / 30P
   Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters
Rev 1; 10/09
More results

Similar Description - MAX1167BCEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1167-MAX1168 MAXIM-MAX1167-MAX1168 Datasheet
462Kb / 30P
   Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters
Rev 0; 8/03
MAX1167BE MAXIM-MAX1167BE Datasheet
348Kb / 30P
   Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters
Rev 1; 10/09
MAX1067 MAXIM-MAX1067 Datasheet
431Kb / 30P
   Multichannel, 14-Bit, 200ksps Analog-to-Digital Converters
Rev 1; 8/07
logo
Burr-Brown (TI)
PCM54 BURR-BROWN-PCM54 Datasheet
83Kb / 7P
   16-Bit Monolithic DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC703KU TI-DAC703KU Datasheet
279Kb / 11P
[Old version datasheet]   Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Burr-Brown (TI)
DAC701 BURR-BROWN-DAC701 Datasheet
301Kb / 12P
   Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
DAC70 BURR-BROWN-DAC70 Datasheet
481Kb / 10P
   Monlithic 16-bit digital-to-analog converters
logo
Texas Instruments
DAC707KH TI-DAC707KH Datasheet
121Kb / 13P
[Old version datasheet]   Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
List of Unclassifed Man...
DAC-HP ETC-DAC-HP Datasheet
136Kb / 4P
   16-Bit, High-Performance Digital-to-Analog Converters
logo
Burr-Brown (TI)
DAC707 BURR-BROWN-DAC707 Datasheet
149Kb / 11P
   Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com