Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA-6106P3-0C1 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PCA-6106P3-0C1
Description  ISA/PCI Backplanes
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCA-6106P3-0C1 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PCA-6106P3-0C1 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
6-slot ISA/PCI Backplanes
Compatible with IPC Chassis: IPC-6806/IPC-6606/IPC-6006
PCA-6106P3-0C1
 Segments: 1
 Slots: 2 ISA, 2 PCI, 1 PICMG/PCI, 1 PICMG
 Size: 142 x 270 mm (5.59" x 10.63")
 Ordering Information: PCA-6106P3-0C1
PCA-6106-B
 Segments: 1
 Slots: 6 ISA
 Size: 142 x 175 mm (5.59" x 6.89")
 Ordering Information: PCA-6106-B
PCA-6106P4-0A1
 Segments: 1
 Slots: 4 PCI, 2 PICMG
 Size: 142 x 270 mm (5.59" x 10.63")
 Ordering Information:PCA-6106P4-0A1
4-slot ISA Backplanes
PCA-6104-0C1
 Segments: 1
 Slots: 4 ISA
 Size: 94.7 x 186 mm (3.7" x 7.3")
 Ordering Information: PCA-6104-0C1
PCA-6104-1C1
 Segments: 1
 Slots: 4 ISA
 Size: 94.7 x 186 mm (3.7" x 7.3")
 Chassis: IPC-644
 Ordering Information: 969K610410
PCA-6105P3X-0A1
 Segments:1
 Slots:1 ISA, 2 PCI, 1 PCIMG, 1 PICMG/PCI
 Size: 142.17 x 300 mm (5.59" x 11.81")
PCA-6105P4-0B1
 Segments:1
 Slots: 3 PCI, 1 PICMG, 1 PICMG/PCI
 Size: 142.17 x 270 mm (5.59" x 10.63")
www.advantech.com/products
Online Download


Similar Part No. - PCA-6106P3-0C1

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCA-6106P3-0D2E ADVANTECH-PCA-6106P3-0D2E Datasheet
131Kb / 1P
   PCI/ISA Backplanes
PCA-6106P3-0D2E ADVANTECH-PCA-6106P3-0D2E Datasheet
4Mb / 4P
   6-slot PCI/ISA Backplanes
PCA-6106P3-0D2E ADVANTECH-PCA-6106P3-0D2E Datasheet
451Kb / 2P
   6-Slot Backplane Card Cage
PCA-6106P3-0D2E ADVANTECH-PCA-6106P3-0D2E Datasheet
2Mb / 4P
   PICMG1.0 Full-Size SBC PICMG1.0 Full-Size SBC
PCA-6106P3-0D2E ADVANTECH-PCA-6106P3-0D2E Datasheet
367Kb / 1P
   PICMG1.0 Full-Size SBC Backplanes
19-Aug-2015
More results

Similar Description - PCA-6106P3-0C1

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCA-6104-0C2E ADVANTECH-PCA-6104-0C2E Datasheet
131Kb / 1P
   PCI/ISA Backplanes
PCA-6115QP2X-0A2E ADVANTECH-PCA-6115QP2X-0A2E Datasheet
176Kb / 1P
   PCI/ISA Backplanes
PCA-6120P4-0B2E ADVANTECH-PCA-6120P4-0B2E Datasheet
128Kb / 1P
   PCI/ISA Backplanes
PCA-6103P2V-0A2E ADVANTECH-PCA-6103P2V-0A2E Datasheet
138Kb / 1P
   PCI/ISA Backplanes
PCA-6114P12-0B3E ADVANTECH-PCA-6114P12-0B3E_11 Datasheet
4Mb / 4P
   14-slot PCI/ISA Backplanes
PCA-6114P12-0B3E ADVANTECH-PCA-6114P12-0B3E Datasheet
178Kb / 1P
   14-slot PCI/ISA Backplanes
PCA-6119P17-0B2E ADVANTECH-PCA-6119P17-0B2E Datasheet
4Mb / 4P
   20-slot PCI/ISA Backplanes
PCA-6114P7-0D3E ADVANTECH-PCA-6114P7-0D3E Datasheet
4Mb / 4P
   14-slot PCI/ISA Backplanes
PCA-6114P10-0B2E ADVANTECH-PCA-6114P10-0B2E Datasheet
4Mb / 4P
   14-slot PCI/ISA Backplanes
PCA-6120P18-0A2E ADVANTECH-PCA-6120P18-0A2E Datasheet
4Mb / 4P
   20-slot PCI/ISA Backplanes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com