Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43520A6567M000 Datasheet(PDF) 8 Page - EPCOS

Part # B43520A6567M000
Description  Aluminum electrolytic capacitors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43520A6567M000 Datasheet(HTML) 8 Page - EPCOS

Back Button B43520A6567M000 Datasheet HTML 4Page - EPCOS B43520A6567M000 Datasheet HTML 5Page - EPCOS B43520A6567M000 Datasheet HTML 6Page - EPCOS B43520A6567M000 Datasheet HTML 7Page - EPCOS B43520A6567M000 Datasheet HTML 8Page - EPCOS B43520A6567M000 Datasheet HTML 9Page - EPCOS B43520A6567M000 Datasheet HTML 10Page - EPCOS B43520A6567M000 Datasheet HTML 11Page - EPCOS B43520A6567M000 Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Overview of available types
VR (V DC)
385
400
420
450
500
Case dimensions d
× l (mm)
CR (
µF)
390
35
× 60
470
35
× 70
560
35
× 60
35
× 70
40
× 60
680
35
× 50
40
× 50
35
× 60
40
× 50
35
× 60
40
× 50
35
× 70
40
× 50
35
× 100
40
× 70
820
35
× 60
40
× 50
35
× 60
40
× 50
35
× 70
40
× 60
35
× 80
40
× 60
35
× 100
40
× 80
1000
35
× 70
40
× 60
35
× 70
40
× 60
45
× 50
35
× 80
40
× 60
35
× 100
40
× 70
45
× 60
40
× 100
45
× 70
1200
35
× 80
40
× 70
35
× 100
40
× 70
40
× 70
40
× 80
45
× 70
45
× 100
1500
40
× 80
45
× 60
35
× 100
40
× 80
45
× 70
40
× 100
45
× 70
40
× 100
45
× 80
45
× 100
1800
40
× 100
45
× 70
40
× 100
45
× 80
40
× 100
45
× 80
45
× 100
2200
40
× 100
45
× 100
45
× 100
2700
45
× 100
45
× 100
The capacitance and voltage ratings listed above are available in different cases upon request.
Other voltage and capacitance ratings are also available upon request.
Capacitors with solder pins are only available in 35 and 40 mm case diameters.
B43510, B43520
Compact
85
°C
Page 8 of 19
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43520A6567M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43520A3108M000 EPCOS-B43520A3108M000 Datasheet
261Kb / 11P
   Capacitors with 4 Snap-In Terminals and Solder Pins
B43520A3108M007 EPCOS-B43520A3108M007 Datasheet
261Kb / 11P
   Capacitors with 4 Snap-In Terminals and Solder Pins
B43520A3128M000 EPCOS-B43520A3128M000 Datasheet
261Kb / 11P
   Capacitors with 4 Snap-In Terminals and Solder Pins
B43520A3128M007 EPCOS-B43520A3128M007 Datasheet
261Kb / 11P
   Capacitors with 4 Snap-In Terminals and Solder Pins
B43520A3158M000 EPCOS-B43520A3158M000 Datasheet
261Kb / 11P
   Capacitors with 4 Snap-In Terminals and Solder Pins
More results

Similar Description - B43520A6567M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com