Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41851A4108M012 Datasheet(PDF) 3 Page - EPCOS

Part # B41851A4108M012
Description  Aluminum electrolytic capacitors
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41851A4108M012 Datasheet(HTML) 3 Page - EPCOS

  B41851A4108M012 Datasheet HTML 1Page - EPCOS B41851A4108M012 Datasheet HTML 2Page - EPCOS B41851A4108M012 Datasheet HTML 3Page - EPCOS B41851A4108M012 Datasheet HTML 4Page - EPCOS B41851A4108M012 Datasheet HTML 5Page - EPCOS B41851A4108M012 Datasheet HTML 6Page - EPCOS B41851A4108M012 Datasheet HTML 7Page - EPCOS B41851A4108M012 Datasheet HTML 8Page - EPCOS B41851A4108M012 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
Specifications and characteristics in brief
Series
B41851
B43851
Rated voltage VR
6.3 ... 100 V DC
160 ... 450 V DC
Surge voltage VS
1.15
VR
1.1
VR
Rated capacitance CR
0.1 ... 10000 µF
0.47 ... 680 µF
Capacitance tolerance
±20%
M
±20%
M
Dissipation factor tan
δ
(20
°C, 120 Hz)
For capacitance higher than 1000 µF add 0.02 for every increase of
1000 µF.
VR (V DC)
6.3
10
16
25
35
50
63
100 160 ...
450
tan
δ (max.)
0.28 0.24 0.20 0.16 0.14 0.12 0.12 0.10 0.20
Leakage current Ileak
(20
°C, 5 min)
or 3 µA, whichever is greater
Self-inductance ESL
Diameter (mm)
≤ 6.3
8 ... 12.5
16
18
20 ...
25
ESL (nH)
15
20
26
34
40
Useful life
105
°C; V
R; IAC,R
> 2000 h
> 3000 h
40
°C; V
R; 1.8
IAC,R
> 250000 h
40
°C; V
R; 2.1
IAC,R
> 250000 h
Requirements
∆C/C
≤ ±45% of initial value
tan
δ
≤ 3 times initial specified limit
Ileak
≤ initial specified limit
Voltage endurance test
105
°C; V
R
1000 h
1000 h
Post test requirements
∆C/C
≤ ±30% of initial value
tan
δ
≤ 2 times initial specified limit
Ileak
≤ initial specified limit
Vibration resistance test
To IEC 60068-2-6, test Fc:
Displacement amplitude 1.5 mm, frequency range 10 ... 2000 Hz,
acceleration max. 20 g, duration 3
× 2 h.
Capacitor rigidly clamped by the aluminum case.
IEC climatic category
To IEC 60068-1:
VR
≤ 250 V: 40/105/56 ( 40 °C/+105 °C/56 days damp heat test)
VR
≥ 350 V: 25/105/56 ( 25 °C/+105 °C/56 days damp heat test)
Sectional specification
IEC 60384-4
B41851, B43851
Standard series
105
°C
Page 3 of 36
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41851A4108M012

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41851A4107 EPCOS-B41851A4107 Datasheet
725Kb / 37P
   Aluminum electrolytic capacitors Single-ended capacitors
More results

Similar Description - B41851A4108M012

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com