Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1245 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1245
Description  2.375V, Low-Power, 8-Channel, Serial 12-Bit ADC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1245 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1245_09 Datasheet HTML 1Page - Maxim Integrated Products MAX1245_09 Datasheet HTML 2Page - Maxim Integrated Products MAX1245_09 Datasheet HTML 3Page - Maxim Integrated Products MAX1245_09 Datasheet HTML 4Page - Maxim Integrated Products MAX1245_09 Datasheet HTML 5Page - Maxim Integrated Products MAX1245_09 Datasheet HTML 6Page - Maxim Integrated Products MAX1245_09 Datasheet HTML 7Page - Maxim Integrated Products MAX1245_09 Datasheet HTML 8Page - Maxim Integrated Products MAX1245_09 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
+2.375V, Low-Power, 8-Channel,
Serial 12-Bit ADC
_______________________________________________________________________________________
3
Multiplexer Leakage Current
pF
15
CIN
DIN, SCLK, CS Input Capacitance
µA
±0.01
±1
IIN
DIN, SCLK, CS Input Leakage
V
0.2
VHYST
DIN, SCLK, CS Input Hysteresis
V
0.8
VINL
DIN, SCLK, CS Input Low Voltage
µA
0.01
10
Shutdown VREF Input Current
k
Ω
18
25
VREF Input Resistance
µA
82
120
VREF Input Current
V
1.0
VDD +
50mV
VREF Input Voltage Range
(Note 8)
pF
16
Input Capacitance
0 to VREF
V
±VREF/2
Input Voltage Range, Single-
Ended and Differential (Note 6)
µA
±0.01
±1
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
(Note 7)
VIN = 0V or VDD
Unipolar, COM = 0V
VREF = 2.048V
Bipolar, COM = VREF/2
On/off leakage current, VIN = 0V or VDD
(Note 7)
CONDITIONS
V
VDD/2
VDD/2
- 0.3
+ 0.3
VIM
SHDN Input Mid Voltage
µA
±4.0
IIN
SHDN Input Current
V
0.4
VINL
SHDN Input Low Voltage
V
VDD - 0.4
VINH
SHDN Input High Voltage
SHDN = 0V or VDD
nA
±80
SHDN Maximum Allowed Leakage,
Mid Input
V
VDD/2
VFLT
SHDN Voltage, Floating
SHDN = open
SHDN = open
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +2.375V to +3.3V, COM = 0V, fCLK = 1.5MHz, external clock (50% duty cycle), 15 clocks/conversion cycle (100ksps),
VREF = 2.048V applied to VREF pin, TA = TMIN to TMAX, unless otherwise noted.)
mV
±0.3
PSR
Supply Rejection (Note 9)
mA
0.8
1.3
IDD
Positive Supply Current
µA
±0.01
±10
IL
Three-State Leakage Current
V
VDD - 0.375
VOH
Output Voltage High
V
0.5
VOL
Output Voltage Low
0.4
V
2.375
3.3
VDD
Positive Supply Voltage
pF
15
COUT
Three-State Output Capacitance
VDD = 2.375V to 3.3V, full-scale input,
external reference = 2.048V
Operating mode, full-scale input
CS = VDD (Note 7)
CS = VDD
ISOURCE =0.5mA
ISINK = 16mA
ISINK = 5mA
1.2
10
Power-down
V
2.0
VINH
DIN, SCLK, CS Input High Voltage
ANALOG/COM INPUTS
EXTERNAL REFERENCE
DIGITAL INPUTS (DIN, SCLK, CS, SHDN)
DIGITAL OUTPUTS (DOUT, SSTRB)
POWER REQUIREMENTS
µA


Similar Part No. - MAX1245_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1245ACAP MAXIM-MAX1245ACAP Datasheet
152Kb / 20P
   2.375V, Low-Power, 8-Channel, Serial 12-Bit ADC
19-1066; Rev 0; 6/96
MAX1245ACPP MAXIM-MAX1245ACPP Datasheet
152Kb / 20P
   2.375V, Low-Power, 8-Channel, Serial 12-Bit ADC
19-1066; Rev 0; 6/96
MAX1245AEAP MAXIM-MAX1245AEAP Datasheet
152Kb / 20P
   2.375V, Low-Power, 8-Channel, Serial 12-Bit ADC
19-1066; Rev 0; 6/96
MAX1245AEPP MAXIM-MAX1245AEPP Datasheet
152Kb / 20P
   2.375V, Low-Power, 8-Channel, Serial 12-Bit ADC
19-1066; Rev 0; 6/96
MAX1245BC/D MAXIM-MAX1245BC/D Datasheet
152Kb / 20P
   2.375V, Low-Power, 8-Channel, Serial 12-Bit ADC
19-1066; Rev 0; 6/96
More results

Similar Description - MAX1245_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1245 MAXIM-MAX1245 Datasheet
152Kb / 20P
   2.375V, Low-Power, 8-Channel, Serial 12-Bit ADC
19-1066; Rev 0; 6/96
MAX192 MAXIM-MAX192 Datasheet
201Kb / 24P
   Low-Power, 8-Channel, Serial 10-Bit ADC
Rev 1; 6/02
MAX192BCPP MAXIM-MAX192BCPP Datasheet
202Kb / 24P
   Low-Power, 8-Channel, Serial 10-Bit ADC
Rev. 1; 4/97
logo
Zentrum Mikroelektronik...
ZADCS146 ZMD-ZADCS146 Datasheet
557Kb / 19P
   12-Bit, 200ksps, 8-Channel, Serial Output ADC
logo
Maxim Integrated Produc...
MAX19777 MAXIM-MAX19777 Datasheet
1Mb / 19P
   3Msps, Low-Power, Serial 12-Bit ADC
2017
MAX186 MAXIM-MAX186 Datasheet
245Kb / 24P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
Rev. 4; 8/96
MAX186 MAXIM-MAX186_V01 Datasheet
394Kb / 25P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
2012
logo
Texas Instruments
TLV2553IPW TI-TLV2553IPW Datasheet
984Kb / 29P
[Old version datasheet]   12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
TLV2553 TI-TLV2553 Datasheet
456Kb / 28P
[Old version datasheet]   12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
TLV2553-Q1 TI1-TLV2553-Q1 Datasheet
401Kb / 28P
[Old version datasheet]   12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com