Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1586C Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1586C
Description  High-Efficiency, Low-IQ PMICs with Dynamic Core for PDAs and Smart Phones
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1586C Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1586C Datasheet HTML 1Page - Maxim Integrated Products MAX1586C Datasheet HTML 2Page - Maxim Integrated Products MAX1586C Datasheet HTML 3Page - Maxim Integrated Products MAX1586C Datasheet HTML 4Page - Maxim Integrated Products MAX1586C Datasheet HTML 5Page - Maxim Integrated Products MAX1586C Datasheet HTML 6Page - Maxim Integrated Products MAX1586C Datasheet HTML 7Page - Maxim Integrated Products MAX1586C Datasheet HTML 8Page - Maxim Integrated Products MAX1586C Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
High-Efficiency, Low-IQ PMICs with
Dynamic Core for PDAs and Smart Phones
4
_______________________________________________________________________________________
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ILX3 = -180mA
0.225
0.375
p-Channel On-Resistance
ILX2 = -180mA, VPV3 = 2.6V
0.26
0.425
Ω
ILX3 = 180mA
0.15
0.25
n-Channel On-Resistance
ILX3 = 180mA, VPV3 = 2.6V
0.17
0.275
Ω
MAX1586A, MAX1586B, MAX1587A
1.1
Current-Sense Transresistance
MAX1586C, MAX1587C
0.55
V/A
MAX1586A, MAX1586B, MAX1587A
-0.60
-0.7
-0.85
p-Channel Current-Limit Threshold
MAX1586C, MAX1587C
-1.125
-1.35
-1.700
A
PWM Skip-Mode Transition Load
Current
Decreasing load current (Note 2)
30
mA
MAX1586A, MAX1586B, MAX1587A
0.5
OUT3 Maximum Output Current
2.6V
≤ VPV3 ≤ 5.5V
(Note 3)
MAX 1586C, MAX1587C
0.9
A
LX3 Leakage Current
VPV3 = 5.5V, LX3 = GND or PV2, VON3 = 0V
-10
+0.1
+10
µA
LDOS V4, V5, V6, V1 SLEEP, V2 SLEEP, AND V7 OUTPUT
V4, V5, V6, V1 SLEEP, V2 SLEEP
Output Current
35
mA
V7 Output Current
30
mA
REG4 Output Voltage
Load = 0.1mA to 35mA
1.261
1.3
1.339
V
REG4 Noise
With 1µF COUT and 0.01µF CBYP
15
µVRMS
REG5 Output Voltage
Load = 0.1mA to 35mA
1.067
1.1
1.133
V
IN45, IN6 Input Voltage Range
2.4
5.5
V
0V setting (either ON6 low or serial programmed)
0
1.8V setting, load = 0.1mA to 35mA
1.746
1.8
1.854
2.5V setting, load = 0.1mA to 35mA
2.425
2.5
2.575
REG6 Output Voltage (POR Default
to 0V, Set by Serial Input)
MAX1586
3.0V setting, load = 0.1mA to 35mA
2.91
3.0
3.09
V
V1 on and in regulation
VV1
V7 Output Voltage
V1 off
VBKBT
V
V1 and V2 SLEEP Output Voltage
Accuracy
Set to same output voltage as REG1 and REG2
-3.0
+3.0
%
V1 and V2 SLEEP Dropout Voltage
LOAD = 20mA
75
150
mV
V6 Dropout Voltage
MAX1586 3V mode, load = 30mA, 2.5V mode, load = 30mA
110
200
mV
V7 Switch Voltage Drop
LOAD = 20mA, VBKBT = VV1 = 3.0V
100
200
mV
V4, V5, V6 Output Current Limit
40
90
mA
BKBT Leakage
1
µA
OSCILLATOR
PWM Switching Frequency
0.93
1
1.07
MHz
SUPERVISORY/MANAGEMENT FUNCTIONS
Rising
92
94.75
97
POK Trip Threshold (Note 4)
Falling
88.5
90.5
92.5
%
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 3.6V, VBKBT = 3.0V, VLBI = 1.1V, VDBI = 1.35V, circuit of Figure 5, TA = 0°C to +85°C, unless otherwise noted. Typical values
are at TA = +25°C.)


Similar Part No. - MAX1586C

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1586C MAXIM-MAX1586C Datasheet
482Kb / 30P
   High-Efficiency, Low-IQ PMICs with Dynamic Core for PDAs and Smart Phones
Rev 3; 12/08
MAX1586CETM MAXIM-MAX1586CETM Datasheet
482Kb / 30P
   High-Efficiency, Low-IQ PMICs with Dynamic Core for PDAs and Smart Phones
Rev 3; 12/08
More results

Similar Description - MAX1586C

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1586A MAXIM-MAX1586A Datasheet
656Kb / 32P
   High-Efficiency, Low-IQ PMICs with Dynamic Core for PDAs and Smart Phones
Rev 1; 12/03
MAX1586A MAXIM-MAX1586A_08 Datasheet
482Kb / 30P
   High-Efficiency, Low-IQ PMICs with Dynamic Core for PDAs and Smart Phones
Rev 3; 12/08
MAX8588 MAXIM-MAX8588 Datasheet
572Kb / 31P
   High-Efficiency, Low-IQ PMIC with Dynamic Core for PDAs and Smartphones
Rev 0; 3/05
logo
Advanced Monolithic Sys...
AMS1318 AMS-AMS1318 Datasheet
410Kb / 6P
   Cellular and Smart Phones PDAs
logo
Maxim Integrated Produc...
MAX8660 MAXIM-MAX8660 Datasheet
1Mb / 42P
   High-Efficiency, Low-IQ, PMICs with Dynamic Voltage Management for Mobile Applications
Rev 1; 10/06
MAX8660 MAXIM-MAX8660_09 Datasheet
826Kb / 43P
   High-Efficiency, Low-IQ, PMICs with Dynamic Voltage Management for Mobile Applications
Rev 2; 8/09
MAX8660 MAXIM-MAX8660_V01 Datasheet
1Mb / 44P
   High-Efficiency, Low-IQ, PMICs with Dynamic Voltage Management for Mobile Applications
2012
MAX8594 MAXIM-MAX8594 Datasheet
691Kb / 22P
   5-Output PMICs with DC-DC Core Supply for Low-Cost PDAs
Rev 2; 4/05
logo
Renesas Technology Corp
ISL98611 RENESAS-ISL98611 Datasheet
223Kb / 2P
   High Efficiency Display Power and LED Driver for Smart Phones
logo
Intersil Corporation
ISL98611A INTERSIL-ISL98611A Datasheet
133Kb / 2P
   High Efficiency Display Power and LED Driver for Smart Phones
July 29, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com