Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQ4532100ML Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SQ4532100ML
Description  SMD POWER INDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SQ4532100ML Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SQ4532100ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SQ4532100ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SQ4532100ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SQ4532100ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SQ4532100ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SQ4532100ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SQ4532100ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
17.0
60
796K
60
58
58
60
60
10.0
14.0
11.0
11.0
15.0
1M
1M
1M
1M
42
50
55
50
48
45
48
22.0
19.0
18.0
20.0
28.0
26.0
30.0
1.300
1.600
2.100
1.500
0.600
0.900
1.100
0.700
0.420
0.500
0.300
4.70
5.60
6.80
1.50
1.80
2.20
1.00
3.30
3.90
2.70
Inductance
SQ45321R0ML□
DWG No.
( µH )
130.0
1M
42
1M
1M
1M
1M
1M
1M
1M
1M
36
36
40
36
40
40
45
45
41.0
37.0
45.0
54.0
80.0
58.0
63.0
100.0
1M
40
165.0
0.090
0.180
0.200
0.140
0.150
0.110
0.120
0.130
0.100
0.080
( Hz )
Test Freq
ref.
Q
nom.
(MHz)
SRF
max.
( Ω )
RDC
SQ45321R5ML□
SQ45321R8ML□
SQ45322R2ML□
SQ45324R7ML□
SQ45323R9ML□
SQ45323R3ML□
SQ45322R7ML□
SQ45325R6ML□
SQ4532330KL□
SQ4532270KL□
SQ4532220KL□
SQ4532180ML□
SQ4532150ML□
SQ4532120ML□
SQ4532100ML□
SQ45328R2ML□
SQ45326R8ML□
SQ4532101KL□
SQ4532121KL□
SQ4532820KL□
SQ4532680KL□
SQ4532560KL□
SQ4532470KL□
SQ4532390KL□
SQ4532221KL□
SQ4532181KL□
SQ4532151KL□
60
120.00
55
55
180.00
150.00
7.0
8.5
45
220.00
LQ
1M
1M
1M
1M
1M
1M
1M
1M
796K
796K
796K
796K
1M
1M
1M
1M
1M
1M
1M
1M
1M
1M
1M
1M
1M
1M
1M
1M
1M
1M
1M
1M
1M
1M
1M
1M
1M
1M
1M
1M
(mA)max.
T=20
△℃
Irms 1
(mA)max.
T=40
△℃
Irms 2
6.3
2.200
5.400
4.500
3.700
3.000
2.500
1400
460
180
145
130
165
285
200
215
230
270
330
310
360
940
920
750
650
570
700
860
780
1300
1350
1250
1000
960
1200
680
270
185
220
200
240
410
330
300
385
390
520
430
630
1320
1000
800
730
950
1180
1100
1240
1500
1400
1700
1600
1750
1800
±20%
±20%
±20%
±20%
±20%
±20%
±20%
±20%
±20%
±10%
±20%
±20%
±20%
±20%
±20%
±20%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
11.500
AE-001A
SPECIFICATION FOR APPROVAL
ELECTRICAL CHARACTERISTICS
Ⅴ﹒
NAME
PROD.
REF :
ABC'S ITEM NO.
ABC'S DWG NO.
PAGE: 2
0.250
34.0
1M
36
8.20
10.00
12.00
22.00
18.00
27.00
39.00
47.00
56.00
33.00
15.00
82.00
100.00
68.00
3) Irms1 Based on Temperature rise
T=20
max.
△℃
4) Irms2 Based on Temperature rise
T=40
max.
△℃
5) Inductance drop 10% max. at rated Irms
270.00
SQ4532271KL□
8.000
50
1M 796K
6.0
110
140
330.00
SQ4532331KL□
55
1M 796K
5.8
100
120
470.00
390.00
SQ4532471KL□
SQ4532391KL□
14.200
13.000
50
50
1M
1K
796K
796K
5.2
5.0
95
85
110
105
820.00
1000.00
680.00
560.00
SQ4532821KL□
SQ4532102KL□
SQ4532681KL□
SQ4532561KL□
20.000
30.000
16.800
15.500
1K
50
30
1K
45
53
1K
1K
2.8
796K
252K
2.5
796K
796K
4.5
3.5
70
60
80
75
85
70
100
90
1500.00
1200.00
SQ4532152KL□
SQ4532122KL□
38.500
33.500
2.0
252K
1K
35
30
1K
252K
2.3
55
40
45
60
1800.00
2200.00
SQ4532182KL□
SQ4532222KL□
44.000
63.000
35
30
1K
1K
252K
252K
1.6
1.8
30
35
40
50
9.0
SMD POWER INDUCTOR
1) □ Packaging information… A Bulk B Taping reel
::
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
2)."-
":Reference code
□ □
SQ4532□□□□L□-□□□


Similar Part No. - SQ4532100ML

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SQ4532100M2 ABC-SQ4532100M2 Datasheet
491Kb / 6P
   SMD POWER INDUCTOR
More results

Similar Description - SQ4532100ML

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com