Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B57164K0101K000 Datasheet(PDF) 3 Page - EPCOS

Part # B57164K0101K000
Description  NTC thermistors for temperature measurement
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57164K0101K000 Datasheet(HTML) 3 Page - EPCOS

  B57164K0101K000 Datasheet HTML 1Page - EPCOS B57164K0101K000 Datasheet HTML 2Page - EPCOS B57164K0101K000 Datasheet HTML 3Page - EPCOS B57164K0101K000 Datasheet HTML 4Page - EPCOS B57164K0101K000 Datasheet HTML 5Page - EPCOS B57164K0101K000 Datasheet HTML 6Page - EPCOS B57164K0101K000 Datasheet HTML 7Page - EPCOS B57164K0101K000 Datasheet HTML 8Page - EPCOS B57164K0101K000 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Electrical specification and ordering codes
R25
No. of R/T
characteristic
B25/100
K
Ordering code
+ =
Resistance tolerance
J =
±5%
K =
±10%
15
1203
2900
±3%
B57164K0150+000
22
1203
2900
±3%
B57164K0220+000
33
1203
2900
±3%
B57164K0330+000
47
1302
3000
±3%
B57164K0470+000
68
1303
3050
±3%
B57164K0680+000
100
1305
3200
±3%
B57164K0101+000
150
1305
3200
±3%
B57164K0151+000
220
1305
3200
±3%
B57164K0221+000
330
1306
3450
±3%
B57164K0331+000
470
1306
3450
±3%
B57164K0471+000
680
1307
3560
±3%
B57164K0681+000
1 k
1011
3730
±3%
B57164K0102+000
1.5 k
1013
3900
±3%
B57164K0152+000
2.2 k
1013
3900
±3%
B57164K0222+000
3.3 k
4001
3950
±3%
B57164K0332+000
4.7 k
4001
3950
±3%
B57164K0472+000
6.8 k
2903
4200
±3%
B57164K0682+000
10 k
2904
4300
±3%
B57164K0103+000
15 k
1014
4250
±3%
B57164K0153+000
22 k
1012
4300
±3%
B57164K0223+000
33 k
1012
4300
±3%
B57164K0333+000
47 k
4003
4450
±3%
B57164K0473+000
68 k
2005
4600
±3%
B57164K0683+000
100 k
2005
4600
±3%
B57164K0104+000
150 k
2005
4600
±3%
B57164K0154+000
220 k
2007
4830
±3%
B57164K0224+000
330 k
2006
5000
±3%
B57164K0334+000
470 k
2006
5000
±3%
B57164K0474+000
Temperature measurement and compensation
B57164K
Leaded NTC thermistors, lead spacing 5 mm
K164
Page 3 of 24
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B57164K0101K000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57164K0101+000 EPCOS-B57164K0101+000 Datasheet
61Kb / 3P
   Leaded Disks
B57164K0101000 EPCOS-B57164K0101000 Datasheet
557Kb / 30P
   NTC thermistors for temperature measurement
logo
TDK Electronics
B57164K0101000 TDK-B57164K0101000 Datasheet
584Kb / 30P
   NTC thermistors for temperature measurement
B57164K0101J000 TDK-B57164K0101J000 Datasheet
584Kb / 30P
   NTC thermistors for temperature measurement
More results

Similar Description - B57164K0101K000

ManufacturerPart #DatasheetDescription
logo
EPCOS
PROBEASS__B57703__M703 EPCOS-PROBEASS__B57703__M703 Datasheet
205Kb / 10P
   NTC thermistors for temperature measurement
SMD__NIBARRIER__0603 EPCOS-SMD__NIBARRIER__0603 Datasheet
414Kb / 20P
   NTC thermistors for temperature measurement
B57514K EPCOS-B57514K Datasheet
199Kb / 9P
   NTC thermistors for temperature measurement
B57442V5472H062 EPCOS-B57442V5472H062 Datasheet
455Kb / 19P
   NTC thermistors for temperature measurement
G1550 EPCOS-G1550 Datasheet
435Kb / 22P
   NTC thermistors for temperature measurement
G1565 EPCOS-G1565 Datasheet
412Kb / 20P
   NTC thermistors for temperature measurement
S885 EPCOS-S885 Datasheet
538Kb / 27P
   NTC thermistors for temperature measurement
S981 EPCOS-S981 Datasheet
537Kb / 27P
   NTC thermistors for temperature measurement
B57861S103F40 EPCOS-B57861S103F40 Datasheet
422Kb / 20P
   NTC thermistors for temperature measurement
B57867S0202F140 EPCOS-B57867S0202F140 Datasheet
257Kb / 15P
   NTC thermistors for temperature measurement
B57871S0212F000 EPCOS-B57871S0212F000 Datasheet
339Kb / 19P
   NTC thermistors for temperature measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com