Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQ4532150M2 Datasheet(PDF) 1 Page - ABC Taiwan Electronics Corp

Part # SQ4532150M2
Description  SMD POWER INDUCTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SQ4532150M2 Datasheet(HTML) 1 Page - ABC Taiwan Electronics Corp

  SQ4532150M2 Datasheet HTML 1Page - ABC Taiwan Electronics Corp SQ4532150M2 Datasheet HTML 2Page - ABC Taiwan Electronics Corp SQ4532150M2 Datasheet HTML 3Page - ABC Taiwan Electronics Corp SQ4532150M2 Datasheet HTML 4Page - ABC Taiwan Electronics Corp SQ4532150M2 Datasheet HTML 5Page - ABC Taiwan Electronics Corp SQ4532150M2 Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
F : 2.00 ref.
Time ( seconds )
150
SPECIFICATION FOR APPROVAL
K : 1.40 ref.
H : 3.60 ref.
I : 2.00 ref.
G : 5.40 ref.
A : 4.50±0.30
E : 1.60 ref.
D : 1.30 typ.
C : 2.60±0.40
B : 3.20±0.30
SQ4532□□□□2□-□□□
Ⅲ﹒
MATERIALS LIST:
AR-001A
Ⅳ﹒
GENERAL SPECIFICATION:
d﹒Remark:Products comply with RoHS'
Current cause inductance drop within 10%
e﹒Resistance to solder heat:260℃.10 secs.
b﹒Wire:Enamelled copper wire (class F)
c﹒Operating temp.:-25℃----+105℃
b﹒Storage temp.:-40℃ ----+125℃
a﹒Temp. rise :20℃ max
d﹒Rated current (Irms):
requirements
c﹒Terminal:Ag/Ni/Sn
a﹒Core:Ferrite core
100
0
50
150
250
200
100
50
Max time above 200℃ :70sec max.
Max time above 230℃ :50sec max.
Temperature
+4.0
/ sec max.
Peak Temp:260℃ max.
Rising Area
c
150 ~ 200
/ 60 ~ 120sec
Preheat Area
Marking
Inductance code
Ⅱ﹒
SCHEMATIC DIAGRAM:
Ⅰ﹒
MECHANICAL DIMENSIONS:
NAME
PROD.
REF :
I
G
E
D
E
I
K
PCB Pattern)
F
B
SMD POWER INDUCTOR
1 0 0
A
ABC'S ITEM NO.
ABC'S DWG NO.
b
Peak Temperature:
200
250
260
70sec max.
50sec max.
230
Forced Cooling Area
-(1.0 ~ 5.0)
/ sec max.
/ sec max.
+2.0 ~ 4.0℃
Reflow Area
m/m
a
m/m
m/m
m/m
m/m
m/m
m/m
m/m
m/m
m/m
PAGE: 1


Similar Part No. - SQ4532150M2

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SQ4532150ML ABC-SQ4532150ML Datasheet
598Kb / 7P
   SMD POWER INDUCTOR
More results

Similar Description - SQ4532150M2

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com