Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43740B9109M003 Datasheet(PDF) 4 Page - EPCOS

Part # B43740B9109M003
Description  Aluminum electrolytic capacitors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43740B9109M003 Datasheet(HTML) 4 Page - EPCOS

  B43740B9109M003 Datasheet HTML 1Page - EPCOS B43740B9109M003 Datasheet HTML 2Page - EPCOS B43740B9109M003 Datasheet HTML 3Page - EPCOS B43740B9109M003 Datasheet HTML 4Page - EPCOS B43740B9109M003 Datasheet HTML 5Page - EPCOS B43740B9109M003 Datasheet HTML 6Page - EPCOS B43740B9109M003 Datasheet HTML 7Page - EPCOS B43740B9109M003 Datasheet HTML 8Page - EPCOS B43740B9109M003 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Dimensional drawings
B43740: Ring clip/clamp mounting
B43760: Threaded stud mounting
The base of types with threaded stud and d = 91 mm is fully insulated (the lenghts I and l1 are
increased by 0.5 mm in these cases). For types with threaded stud and d
≤ 76 mm the base is not
insulated. Also refer to the mounting instructions in chapter "Capacitors with screw terminals
Accessories".
Dimensions and weights
Ter-
minal
Dimensions (mm) with insulating sleeve
Approx.
weight (g)
d
l
±1
l1
±1
l2 +0/ 1 d1
d2 max. a +0.2/ 0.4
M5
M5
M5
51.6 +0/ 0.8
51.6 +0/ 0.8
51.6 +0/ 0.8
80.7
105.7
118.2
87.2
112.2
124.7
17
17
17
M12
M12
M12
10.2
10.2
10.2
22.2
22.2
22.2
220
280
320
M5
M5
M5
M5
M5
64.3 +0/ 0.8
64.3 +0/ 0.8
64.3 +0/ 0.8
64.3 +0/ 0.8
64.3 +0/ 0.8
80.7
105.7
118.2
130.7
143.2
87,2
112.2
124.7
137.2
149.7
17
17
17
17
17
M12
M12
M12
M12
M12
13.2
13.2
13.2
13.2
13.2
28.5
28.5
28.5
28.5
28.5
370
440
510
600
630
M6
M6
M6
M6
M6
M6
M6
76.9 +0/ 0.7
76.9 +0/ 0.7
76.9 +0/ 0.7
76.9 +0/ 0.7
76.9 +0/ 0.7
76.9 +0/ 0.7
76.9 +0/ 0.7
105.7
118.2
130.7
143.2
168.7
190.7
220.7
111.5
124.0
136.5
149.0
174.5
196.5
226.5
17
17
17
17
17
17
17
M12
M12
M12
M12
M12
M12
M12
17.7
17.7
17.7
17.7
17.7
17.7
17.7
31.7
31.7
31.7
31.7
31.7
31.7
31.7
620
700
800
840
1000
1150
1300
M6
M6
M6
M6
91.0 +0/ 2
91.0 +0/ 2
91.0 +0/ 2
91.0 +0/ 2
144.5
170.0
191.0
221.0
149.8
175.3
196.3
226.3
17
17
17
17
M12
M12
M12
M12
17.7
17.7
17.7
17.7
31.7
31.7
31.7
31.7
1200
1400
1650
1900
Dimensions are also valid for low-inductance design.
B43740, B43760
Extra long useful life
105
°C
Page 4 of 18
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43740B9109M003

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43741 TDK-B43741_16 Datasheet
709Kb / 22P
   Aluminum electrolytic capacitors
B43741_B43761 TDK-B43741_B43761 Datasheet
673Kb / 22P
   Aluminum electrolytic capacitors
B43742 TDK-B43742 Datasheet
682Kb / 22P
   Capacitors with screw terminals
B43743 TDK-B43743 Datasheet
671Kb / 21P
   Capacitors with screw terminals
B4374A5109M0 TDK-B4374A5109M0 Datasheet
678Kb / 23P
   Capacitors with screw terminals
More results

Similar Description - B43740B9109M003

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com