Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR03022R7ML Datasheet(PDF) 7 Page - ABC Taiwan Electronics Corp

Part # SR03022R7ML
Description  SMD POWER INDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SR03022R7ML Datasheet(HTML) 7 Page - ABC Taiwan Electronics Corp

  SR03022R7ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SR03022R7ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SR03022R7ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SR03022R7ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SR03022R7ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SR03022R7ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SR03022R7ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
155,
MW-80,
Nylon
PN155
Polyurechane
Polysol-N 155
MW-79,
MW-75
MW-75
MW-79
MW-79
MW-82
MW-79
MW-79
MW-83
MW-79
For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc.
Marking:Company name, material designation or marked designation and factory identification on package ok reel
MW-28
AR-001A
Pg155
P155, G155
P180,G180
Pp155,Gp155
P155p
P170 or G170
PN180
See General Information preceding These Recognitions
Polysol 170
Polysol P155p
Polysol-N 180
Polysol 155g
Polysol 155p
Polysol 160
Polysol 180
Polysol 155
P160
Polyurechane
Polyurechane
Polyurechane
Polyurechane
Polyurechane
Polyurechane
Polyurechane
____
____
Nylon
____
____
____
____
____
155
155
180
155,
130
130
155
155
180
155
130
SPECIFICATION FOR APPROVAL
Typ
ANSI
MW-74
MW-77
JALAN DAMAI SATU JANDA BAIK 28750 BENTONG, PAHANG
SMD POWER INDUCTOR
Mark Dsg
Magnet Wire-Comporent
DARUL MAKMUR MALAYSIA
ELEKTRISOLA (MALAYSLA) SDN BHD
OBMW2
Amldester 200
Estersol 180
Mtl Dsg
A200
E180
Ⅹ﹒UL CARD:
NAME
PROD.
October 06, 2005
Coating Type
Polyesterimide
Polyesterimide
(solderable)
BC
____
____
OC
ABC'S ITEM NO.
ABC'S DWG NO.
REF : 20090505-B
E143312
200
180
Class
Temp
SR0302□□□□L□-□□□
PAGE: 7


Similar Part No. - SR03022R7ML

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SR0302180MLB BOURNS-SR0302180MLB Datasheet
165Kb / 2P
   SMD Power Inductors
More results

Similar Description - SR03022R7ML

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com