Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR0603101KL Datasheet(PDF) 3 Page - ABC Taiwan Electronics Corp

Part # SR0603101KL
Description  SMD POWER INDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SR0603101KL Datasheet(HTML) 3 Page - ABC Taiwan Electronics Corp

  SR0603101KL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SR0603101KL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SR0603101KL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SR0603101KL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SR0603101KL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SR0603101KL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SR0603101KL Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AR-001A
0
10
2
101
2
DC Current (mA)
5
3
2
7 105
3
3
7 103
2
4
7 10
5
SPECIFICATION FOR APPROVAL
5
3
7
3
2
5
101
2
102
5
7
2
3
330
3R3
100
101
391
Ⅵ﹒INDUCTANCE VS. DC CURRENT CURVE:
SMD POWER INDUCTOR
3
10
7
REF : 20090728-B
NAME
PROD.
ABC'S ITEM NO.
ABC'S DWG NO.
SR0603□□□□L□-□□□
PAGE: 3


Similar Part No. - SR0603101KL

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
SR0603DK-07100KL YAGEO-SR0603DK-07100KL Datasheet
714Kb / 9P
   SURGE CHIP RESISTORS
SR0603DK-07100RL YAGEO-SR0603DK-07100RL Datasheet
714Kb / 9P
   SURGE CHIP RESISTORS
SR0603DK-0710KL YAGEO-SR0603DK-0710KL Datasheet
714Kb / 9P
   SURGE CHIP RESISTORS
SR0603DK-0710RL YAGEO-SR0603DK-0710RL Datasheet
714Kb / 9P
   SURGE CHIP RESISTORS
SR0603DK-071KL YAGEO-SR0603DK-071KL Datasheet
714Kb / 9P
   SURGE CHIP RESISTORS
More results

Similar Description - SR0603101KL

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com