Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR0805332KL Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SR0805332KL
Description  SMD POWER INDUCTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SR0805332KL Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SR0805332KL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SR0805332KL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SR0805332KL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SR0805332KL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SR0805332KL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SR0805332KL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SR0805332KL Datasheet HTML 7Page - ABC Taiwan Electronics Corp SR0805332KL Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AR-001A
1). □:Packaging information… A:Bulk
B:Taping Reel
3). IDC base on temp. rise 40
max. &
L/L0A=10% max.
℃△
2)."-
":Reference code
SR0805182KL□ -□□□
SR0805472KL□ -□□□
□ □
SR0805272KL□
SR0805332KL□
SR0805392KL□
SR0805222KL□
-□□□
-□□□
-□□□
-□□□
SR0805681KL□ -□□□
SR0805821KL□
SR0805102KL□
SR0805122KL□
SR0805152KL□
-□□□
-□□□
-□□□
-□□□
SR0805331KL□
SR0805391KL□
SR0805471KL□
SR0805561KL□
-□□□
-□□□
-□□□
-□□□
1.6
0.252M
1K
30
1800.0±10%
1K
1K
1K
1K
1K
30
4700.0±10%
2700.0±10%
3300.0±10%
3900.0±10%
2200.0±10%
31
28
28
29
1.0
0.252M
0.252M
0.252M
0.252M
0.252M
1.4
1.1
1.2
1.5
1K
1K
1K
1K
1K
1K
1K
1K
1K
29
680.0±10%
1200.0±10%
1500.0±10%
820.0±10%
1000.0±10%
28
27
28
27
470.0±10%
560.0±10%
390.0±10%
330.0±10%
12
30
12
12
3.5
0.796M
0.796M
0.252M
0.252M
0.252M
2.6
2.4
3.2
3.0
0.796M
0.796M
0.796M
0.796M
3.8
3.7
4.0
4.3
0.14
9.200
0.08
21.000
0.12
0.09
0.10
0.13
11.800
18.000
16.500
10.000
0.28
2.800
0.23
0.17
0.15
0.21
6.800
8.000
4.000
4.500
0.36
0.40
0.34
0.30
1.960
2.500
1.770
1.260
SPECIFICATION FOR APPROVAL
SR0805□□□□L□-□□□
33.0
7.960M
1K
30
SR08056R8ML□
6.8±20%
-□□□
SR0805470KL□ -□□□
SR0805121KL□ -□□□
SR0805151KL□
SR0805181KL□
SR0805221KL□
SR0805271KL□
-□□□
-□□□
-□□□
-□□□
SR0805560KL□
SR0805680KL□
SR0805101KL□
SR0805820KL□
-□□□
-□□□
-□□□
-□□□
SR0805180ML□ -□□□
SR0805220ML□
SR0805270ML□
SR0805390KL□
SR0805330KL□
-□□□
-□□□
-□□□
-□□□
SR08058R2ML□
SR0805100ML□
SR0805120ML□
SR0805150ML□
-□□□
-□□□
-□□□
-□□□
9.0
2.520M
1K
15
47.0±10%
1K
1K
1K
1K
1K
1K
1K
1K
1K
12
120.0±10%
180.0±10%
220.0±10%
270.0±10%
150.0±10%
12
12
12
12
68.0±10%
82.0±10%
100.0±10%
56.0±10%
15
12
12
15
5.6
0.796M
0.796M
0.796M
0.796M
0.796M
5.0
4.8
4.5
5.5
2.520M
2.520M
0.796M
2.520M
8.0
6.5
7.0
8.5
1K
1K
1K
1K
1K
1K
1K
1K
1K
18.0±20%
20
33.0±10%
39.0±10%
22.0±20%
27.0±20%
15
15
20
20
12.0±20%
15.0±20%
10.0±20%
8.2±20%
25
25
25
29
2.520M
15.0
2.520M
2.520M
2.520M
2.520M
10.0
9.5
13.0
12.0
2.520M
2.520M
2.520M
7.960M
20.0
16.0
22.0
30.0
Ⅴ﹒ELECTRICAL CHARACTERISTICS:
SMD POWER INDUCTOR
SR08053R3ML□ -□□□
SR08053R9ML□
SR08054R7ML□
SR08055R6ML□
-□□□
-□□□
-□□□
DWG No.
SR08051R5ML□
SR08052R5ML□ -□□□
-□□□
NAME
PROD.
REF : 20090505-B
L
1K
1K
1K
1K
1K
1K
Test Freq. ( Hz )
32
3.3±20%
4.7±20%
5.6±20%
3.9±20%
31
31
32
( μH )
1.5±20%
2.5±20%
Inductance
ref.
32
32
Q
55.0
7.960M
7.960M
7.960M
7.960M
38.0
34.0
45.0
7.960M
7.960M
Q
nom.
120.0
70.0
( MHz )
SRF
ABC'S DWG NO.
ABC'S ITEM NO.
3.20
0.040
1.00
0.200
0.66
0.480
0.58
0.49
0.42
0.51
0.770
1.110
0.960
0.680
0.85
0.94
0.72
0.78
0.300
0.450
0.370
0.240
0.100
1.60
1.50
1.20
1.30
1.10
0.140
0.160
0.120
0.110
2.30
2.80
2.00
1.80
0.080
0.090
0.070
0.050
4.60
0.022
4.40
3.50
3.70
0.033
0.035
0.024
max.
5.00
6.00
( A )
IDC
max.
0.015
0.020
RDC
( Ω )
PAGE: 2


Similar Part No. - SR0805332KL

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
SR0805 YAGEO-SR0805 Datasheet
305Kb / 8P
   SURGE CHIP RESISTORS
SR0805DK-07100KL YAGEO-SR0805DK-07100KL Datasheet
714Kb / 9P
   SURGE CHIP RESISTORS
SR0805DK-07100RL YAGEO-SR0805DK-07100RL Datasheet
714Kb / 9P
   SURGE CHIP RESISTORS
SR0805DK-0710KL YAGEO-SR0805DK-0710KL Datasheet
714Kb / 9P
   SURGE CHIP RESISTORS
SR0805DK-0710RL YAGEO-SR0805DK-0710RL Datasheet
714Kb / 9P
   SURGE CHIP RESISTORS
More results

Similar Description - SR0805332KL

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com