Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM-3612 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PCM-3612
Description  RS-232/422/485 PC/104 Module with Isolation Protection
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCM-3612 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PCM-3612 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.advantech.com/products
Online Download
Specifications
General
ƒ
Card Interface
PC/104
ƒ
Certifications
CE
ƒ
Connectors
2 x DB9-M
ƒ
Ports
2
ƒ
Power Consumption +5 V @ 400 mA typical
±12 V @ 950 mA max
Communications
ƒ
Channel 1
RS-232, 422, or 485
ƒ
Channel 2
RS-422, or RS-485
ƒ
Character Length
5, 6, 7, or 8 bits
ƒ
IRQ
3, 4, 5, 6, 7, 9
ƒ
Parity
Even, odd, or none
ƒ
Speed
50 bps ~ 115.2 kbps
ƒ
Stop Bit
1, 1.5, or 2
Protection
ƒ
Isolation Protection 1,000 VDC
Environment
ƒ
Humidity (Operating) 0 ~ 90 % RH
ƒ
Operating
0 ~ 65° C (32 ~ 149° F)
Temperature
ƒ
Storage Temperature -40 ~ 85° C (-40 ~ 185° F)
Ordering Information
ƒ
PCM-3610-B
Isolated RS-232/422/485
Module
Specifications
General
ƒ
Card Interface
PC/104
ƒ
Certifications
CE
ƒ
Connectors
2 x DB9-M
ƒ
Indicators
Red LED for TX
Green LED for RX
ƒ
Ports
2
ƒ
Power Consumption +5 V @ 400 mA typical
Communications
ƒ
Channel 1 and 2
RS-422, or RS-485
ƒ
Character Length
5,6,7, or 8 bits
ƒ
IRQ
3, 4, 5, 6, 7, 9, 10, 11, 12
or 15
ƒ
Parity
Even, odd, or none
ƒ
Speed
50 bps ~ 115.2 kbps
ƒ
Stop Bit
1, 1.5, or 2
Environment
ƒ
Humidity (Operating) 0 ~ 90 % RH
ƒ
Operating
0 ~ 65° C (32 ~ 149° F)
Temperature
ƒ
Storage Temperature -40 ~ 85° C (-40 ~ 185° F)
Ordering Information
ƒ
PCM-3612-A
Dual Port RS-422/485
Module
Specifications
General
ƒ
Card Interface
PC/104
ƒ
Certifications
CE
ƒ
Connectors
4 x DB9-M
ƒ
Ports
4
ƒ
Power Consumption +5 V @ 450 mA
Communications
ƒ
Data Bits
5, 6, 7, 8
ƒ
I/O Address Range
0 x 000 ~ 0 x 3F8
ƒ
IRQ
3, 4, 5, 6, 7, 9, 10, 11, 12,
or 15
ƒ
Parity
Even, odd, or none
ƒ
Data Signals
RS-422: TxD+, TxD-, RxD+,
RxD-, CTS+, CTS-, RTS+
and RTS-
RS-485: DATA+, DATA-,
CTS+, CTS-
ƒ
Speed
50 bps ~ 921.6 kbps
ƒ
Stop Bits
1, 1.5, 2
Protection
ƒ
EFT Protection
1000 VDC
ƒ
Termination Resistor 120 W
Environment
ƒ
Humidity (Operating) 0 ~ 90 % RH
ƒ
Operating
0 ~ 65° C (32 ~ 149° F)
Temperature
ƒ
Storage Temperature -40 ~ 85° C (-40 ~ 185° F)
Ordering Information
ƒ
PCM-3614-A
4-port RS-422/485
High-speed Module
2-port RS-232/422/485 PC/104 Module
with Isolation Protection
2-port RS-422/485 PC/104 Module
4-port RS-422/485 High-speed PC/104 Module
PCM-3610
PCM-3612
PCM-3614
Features
ƒ High speed transmission rate
ƒ Automatic RS-485 data flow control
ƒ Jumper selectable interrupt level
ƒ Supports Windows® 98/2000/XP
ƒ Supports WinCE 3.0, 4.2, 5.0
ƒ Powerful and easy-to-use utility (ICOM Tools)
Features
ƒ Long distance communication
ƒ Automatic RS-485 data flow control
ƒ Jumper selectable interrupt level
ƒ Supports Windows® 98/2000/XP
ƒ Supports WinCE 3.0, 4.2, 5.0
ƒ Powerful and easy-to-use utility (ICOM Tools)
Features
ƒ Automatic RS-485 data flow control
ƒ Shared IRQ settings for each ports
ƒ LED indicators: TX, RX
ƒ Standard PC ports: COM1, COM2, COM3, COM4
compatible
ƒ Supports Windows® 98/2000/XP
ƒ Supports WinCE 4.2, 5.0
ƒ Powerful and easy-to-use utility (ICOM Tools)
PCM-3610
PCM-3612
PCM-3614
RoHS
COMPLIANT
2002/95/EC
RoHS
COMPLIANT
2002/95/EC
RoHS
COMPLIANT
2002/95/EC


Similar Part No. - PCM-3612

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-3612 ADVANTECH-PCM-3612 Datasheet
386Kb / 1P
   2-port RS-232/422/485 PC/104 Module
PCM-3612 ADVANTECH-PCM-3612 Datasheet
386Kb / 1P
   2-port RS-422/485 PC/104 Module
PCM-3612-A ADVANTECH-PCM-3612-A Datasheet
2Mb / 2P
   Isolated RS-232/422/ 485 Module
PCM-3612I ADVANTECH-PCM-3612I Datasheet
273Kb / 1P
   4-port RS-232/422/485 PCI-104 Module
6-Jul-2016
PCM-3612I-AE ADVANTECH-PCM-3612I-AE Datasheet
273Kb / 1P
   4-port RS-232/422/485 PCI-104 Module
6-Jul-2016
More results

Similar Description - PCM-3612

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-3610-12-14 ADVANTECH-PCM-3610-12-14 Datasheet
386Kb / 1P
   2-port RS-232/422/485 PC/104 Module
logo
Moxa Inc.
CA-114 MOXA-CA-114 Datasheet
321Kb / 3P
   4-port RS-232/422/485 PC/104 modules
logo
Advantech Co., Ltd.
PCM-3618 ADVANTECH-PCM-3618 Datasheet
652Kb / 1P
   RS-422/485 High-speed PC/104 Module
PCM-3612I ADVANTECH-PCM-3612I Datasheet
273Kb / 1P
   4-port RS-232/422/485 PCI-104 Module
6-Jul-2016
PCM-3610 ADVANTECH-PCM-3610_15 Datasheet
386Kb / 1P
   2-port RS-422/485 PC/104 Module
logo
Moxa Inc.
CB-114 MOXA-CB-114 Datasheet
316Kb / 3P
   4-port RS-232/422/485 PC/104-Plus modules
CA-134I MOXA-CA-134I Datasheet
312Kb / 3P
   4-port RS-422/485 PC/104 modules with 2 kV isolation
logo
Advantech Co., Ltd.
PCM-3618 ADVANTECH-PCM-3618_15 Datasheet
520Kb / 1P
   8-port RS-422/485 High-speed PC/104 Module
PC-104 ADVANTECH-PC-104 Datasheet
2Mb / 2P
   Isolated RS-232/422/ 485 Module
logo
Moxa Inc.
CB-134I MOXA-CB-134I Datasheet
298Kb / 3P
   4-port RS-422/485 PC/104-Plus modules with 2 kV isolation
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com