Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR0503120ML Datasheet(PDF) 3 Page - ABC Taiwan Electronics Corp

Part # SR0503120ML
Description  SMD POWER INDUCTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SR0503120ML Datasheet(HTML) 3 Page - ABC Taiwan Electronics Corp

  SR0503120ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SR0503120ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SR0503120ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SR0503120ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SR0503120ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SR0503120ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SR0503120ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp SR0503120ML Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Ⅵ﹒INDUCTANCE VS. DC CURRENT CURVE:
ABC'S DWG NO.
ABC'S ITEM NO.
SPECIFICATION FOR APPROVAL
PAGE: 3
PROD.
NAME
SMD POWER INDUCTOR
SR0503□□□□L□-□□□
AR-001A
DC Current (mA)
1
10
10 0
1
102
3
2
7
5
3
5
10
7
2
100
2
3
2
10
5
7
3
2
5
7
10 3
330
101
471
10
2
3
57
3
2
3
5
10
7
4
Test Freq. ( Hz )
L
1K
1K
SR0503103JL□-□□□
SR0503153JL□-□□□
SR0503123JL□-□□□
SR0503272JL□-□□□
SR0503332JL□-□□□
SR0503822JL□-□□□
SR0503682JL□-□□□
SR0503562JL□-□□□
SR0503472JL□-□□□
SR0503392JL□-□□□
10000.0± 5%
12000.0± 5%
15000.0± 5%
4700.0± 5%
5600.0± 5%
6800.0± 5%
8200.0± 5%
3300.0± 5%
2700.0± 5%
3900.0± 5 %
40
40
DWG No.
Inductance
( μH )
ref.
Q
0.252M
0.252M
2.10
1.90
0.045
0.050
26.000
38.000
Q
( MHz )
SRF
nom
max.
( A )
IDC
RDC
( Ω )
max.
1K
1K
1K
1K
1K
1K
1K
1K
40
30
30
30
40
40
40
40
0.252M
0.252M
0.252M
0.252M
79.60K
79.60K
79.60K
0.252M
1.00
0.95
0.80
0.85
1.40
1.20
1.30
1.50
0.040
0.042
0.034
0.038
0.027
0.025
0.020
0.030
92.000
168.000
148.000
110.000
80.000
48.000
72.000
40.000
1). □:Packaging information… A:Bulk
B:Taping Reel
2)."-
":Reference code
□□
REF : 20090122-B


Similar Part No. - SR0503120ML

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SR050 YANGJIE-SR050 Datasheet
209Kb / 2P
   Schottky Rectifier
logo
ABC Taiwan Electronics ...
SR0502101ML ABC-SR0502101ML Datasheet
487Kb / 6P
   SMD POWER INDUCTOR
SR0502102ML ABC-SR0502102ML Datasheet
487Kb / 6P
   SMD POWER INDUCTOR
SR0502121ML ABC-SR0502121ML Datasheet
487Kb / 6P
   SMD POWER INDUCTOR
SR0502122ML ABC-SR0502122ML Datasheet
487Kb / 6P
   SMD POWER INDUCTOR
More results

Similar Description - SR0503120ML

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com