Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3162CAI+ Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX3162CAI+
Description  3.0V to5.5V, 1μA, RS-232/RS-485/422 Multiprotocol Transceivers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3162CAI+ Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX3162CAI+ Datasheet HTML 7Page - Maxim Integrated Products MAX3162CAI+ Datasheet HTML 8Page - Maxim Integrated Products MAX3162CAI+ Datasheet HTML 9Page - Maxim Integrated Products MAX3162CAI+ Datasheet HTML 10Page - Maxim Integrated Products MAX3162CAI+ Datasheet HTML 11Page - Maxim Integrated Products MAX3162CAI+ Datasheet HTML 12Page - Maxim Integrated Products MAX3162CAI+ Datasheet HTML 13Page - Maxim Integrated Products MAX3162CAI+ Datasheet HTML 14Page - Maxim Integrated Products MAX3162CAI+ Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
+3.0V to+5.5V, 1µA, RS-232/RS-485/422
Multiprotocol Transceivers
______________________________________________________________________________________
11
Functional Diagrams (continued)
C1
CBYPASS
C3
C2
C4
24
23
22
21
20
19
16
15
1
2
3
4
RS-485
OUTPUTS
LOGIC
INPUTS
LOGIC
OUTPUT
RS-485
INPUTS
SHDN
FAST
RS-485/RS-232
5
6
9
10
18
17
7
8
V+
C2+
C2-
V-
C1-
GND
VCC
VCC
C1+
14
13
11
12
CHARGE
PUMP
Z
Y
B
DE
A
RS-485 MODE
D
HALF/FULL
DUPLEX
R
R0
24
23
22
21
20
19
18
17
1
2
3
4
RS-232
OUTPUT
RS-232
OUTPUT
LOGIC
INPUTS
LOGIC
OUTPUTS
RS-232
INPUTS
C1
C3
C2
C4
SHDN
HDPLX
FAST
RS-485/RS-232
5
6
7
8
16
V+
C2+
C2-
V-
C1-
GND
VCC
VCC
C1+
14
13
11
12
CHARGE
PUMP
T1
T2
R1
R2
CBYPASS
RS-232 MODE
15
9
10
MAX3161


Similar Part No. - MAX3162CAI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3162CAI++ MAXIM-MAX3162CAI+ Datasheet
356Kb / 23P
   3.0V to5.5V, 1關A, RS-232/ RS-485/422 Multiprotocol Transceivers
19-1722; Rev 3; 5/15
More results

Similar Description - MAX3162CAI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3160 MAXIM-MAX3160 Datasheet
358Kb / 23P
   3.0V to 5.5V, 1uA, RS-232/RS-485/422 Multiprotocol Transceivers
Rev 1; 9/00
MAX3160 MAXIM-MAX3160_V01 Datasheet
356Kb / 23P
   3.0V to5.5V, 1關A, RS-232/ RS-485/422 Multiprotocol Transceivers
19-1722; Rev 3; 5/15
MAX3160E MAXIM-MAX3160E Datasheet
480Kb / 26P
   5kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/RS-422 Multiprotocol Transceivers
Rev 0; 2/05
MAX3160E MAXIM-MAX3160E_15 Datasheet
505Kb / 26P
   ±15kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/ RS-422 Multiprotocol Transceivers
Rev 1; 5/15
logo
Exar Corporation
XR33052 EXAR-XR33052_17 Datasheet
761Kb / 20P
   60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
XR33152 EXAR-XR33152_17 Datasheet
775Kb / 21P
   60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
XR33156IDEVB EXAR-XR33156IDEVB Datasheet
631Kb / 19P
   60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
XR33052 EXAR-XR33052 Datasheet
648Kb / 18P
   60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
SP3224E EXAR-SP3224E Datasheet
4Mb / 23P
   3.0V to 5.5V RS-232 Transceivers
logo
Sipex Corporation
SP3223B SIPEX-SP3223B Datasheet
180Kb / 24P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com