Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3204EETT+T Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3204EETT+T
Description  Low-Capacitance, 2/3/4/6-Channel, ±15kV ESD Protection Arrays for High-Speed Data Interfaces
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3204EETT+T Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3204EETT+T Datasheet HTML 1Page - Maxim Integrated Products MAX3204EETT+T Datasheet HTML 2Page - Maxim Integrated Products MAX3204EETT+T Datasheet HTML 3Page - Maxim Integrated Products MAX3204EETT+T Datasheet HTML 4Page - Maxim Integrated Products MAX3204EETT+T Datasheet HTML 5Page - Maxim Integrated Products MAX3204EETT+T Datasheet HTML 6Page - Maxim Integrated Products MAX3204EETT+T Datasheet HTML 7Page - Maxim Integrated Products MAX3204EETT+T Datasheet HTML 8Page - Maxim Integrated Products MAX3204EETT+T Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Low-Capacitance, 2/3/4/6-Channel, ±15kV ESD
Protection Arrays for High-Speed Data Interfaces
_______________________________________________________________________________________
3
Typical Operating Characteristics
(VCC = +5V, TA = +25°C, unless otherwise noted.)
Pin Description
PIN
MAX3202E
MAX3203E
MAX3204E
MAX3206E
WLP
TDFN-
EP
UCSP
TDFN-
EP
WLP
TDFN-
EP
WLP
TQFN-
EP
NAME
FUNCTION
A1, B2
3, 6
A1,
A2, B3
1, 2, 4
A1, A2,
B2, B3
1, 2, 4,
5
A1, A3,
B1, B3,
C1, C3
1, 2, 3,
7, 8, 9
I/O_
ESD-Protected Channel
A2
4
B1
3
B1
3
A2
5
GND
Ground
B1
1
A3
6
A3
6
C2
11
VCC
Power-Supply Input. Bypass VCC to
GND with a 0.1μF ceramic capacitor.
2, 5
5
4, 6,
10, 12
N.C.
No Connection. Not internally
connected.
EP
Exposed Pad. Connect to GND. Only
for TDFN and TQFN package.
0.30
0.70
0.50
1.10
0.90
1.30
1.50
CLAMP VOLTAGE vs. DC CURRENT
DC CURRENT (mA)
30
70
90
50
110
130
150
1
10
100
1000
25
35
45
55
65
75
85
LEAKAGE CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
LEAKAGE CURRENT PER CHANNEL
2
4
8
6
10
12
02
13
4
5
INPUT CAPACITANCE vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
VCC = 3.3V
VCC = 5.0V


Similar Part No. - MAX3204EETT+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3204EETT+T MAXIM-MAX3204EETT+T Datasheet
231Kb / 9P
   Low-Capacitance, 2/3/4/6-Channel, 짹15kV ESD Protection Arrays for High-Speed Data Interfaces
2011
More results

Similar Description - MAX3204EETT+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3202E MAXIM-MAX3202E_11 Datasheet
231Kb / 9P
   Low-Capacitance, 2/3/4/6-Channel, 15kV ESD Protection Arrays for High-Speed Data Interfaces
Rev 5; 6/11
MAX3202E MAXIM-MAX3202E_V01 Datasheet
231Kb / 9P
   Low-Capacitance, 2/3/4/6-Channel, 짹15kV ESD Protection Arrays for High-Speed Data Interfaces
2011
MAX3202E MAXIM-MAX3202E Datasheet
754Kb / 15P
   Low-Capacitance, 2/3/4/6-Channel, 짹15kV ESD Protection Arrays for High-Speed Data Interfaces
Rev 2; 11/04
logo
Texas Instruments
TPD2E001 TI1-TPD2E001_17 Datasheet
1Mb / 24P
[Old version datasheet]   Low-Capacitance 2-Channel ESD-Protection for High-Speed Data Interfaces
TPD3E001 TI1-TPD3E001_15 Datasheet
1Mb / 22P
[Old version datasheet]   Low-Capacitance 3-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001 TI1-TPD4E001_16 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001 TI1-TPD4E001_17 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001 TI1-TPD4E001_V02 Datasheet
1Mb / 30P
[Old version datasheet]   TPD4E001 Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001 TI1-TPD4E001_V01 Datasheet
1Mb / 30P
[Old version datasheet]   TPD4E001 Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
logo
TECH PUBLIC Electronics...
TPD3E001DRYR-TP TECHPUBLIC-TPD3E001DRYR-TP Datasheet
1Mb / 5P
   Low-Capacitance 3-Channel ESD-Protection for High-Speed Date Interfaces
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com