Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR06025R6ML Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SR06025R6ML
Description  SMD POWER INDUCTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SR06025R6ML Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SR06025R6ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SR06025R6ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SR06025R6ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SR06025R6ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SR06025R6ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SR06025R6ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SR06025R6ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp SR06025R6ML Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
5). Isat base on △L/L0A = 10% typ.
AR-001A
1). □ :Packaging information … A :Bulk ,
B :Taping Reel
4). Irms base on Temp. rise 40
max.
3). Inductance Test Freq. at 100KHz / 0.1V.
-□□□
SR0602471KL□
470.0±10%
2)."-
":Reference code
SR0602681KL□
SR0602821KL□
SR0602561KL□
SR0602102KL□
-□□□
-□□□
-□□□
-□□□
820.0±10%
1000.0±10%
680.0±10%
560.0±10%
SR0602391KL□
SR0602331KL□
SR0602271KL□
SR0602221KL□
SR0602181KL□
SR0602151KL□
SR0602121KL□
SR0602101KL□
-□□□
220.0±10%
-□□□
-□□□
-□□□
330.0±10%
390.0±10%
270.0±10%
-□□□
-□□□
-□□□
-□□□
180.0±10%
150.0±10%
100.0±10%
120.0±10%
796K
5200.0
4.0
36
36
36
36
36
796K
252K
796K
796K
3.0
2.6
3.5
3.8
9800.0
11000.0
7500.0
6500.0
796K
24
34
34
24
796K
796K
796K
24
22
22
22
796K
796K
796K
796K
2200.0
6.0
5.0
4.5
5.5
3800.0
4300.0
3000.0
6.5
7.0
8.5
8.0
1900.0
1650.0
1250.0
1350.0
0.20
0.16
0.12
0.14
0.16
0.18
0.08
0.10
0.13
0.14
0.35
0.28
0.25
0.22
0.30
0.20
0.18
0.26
0.46
0.40
0.55
0.52
0.36
0.30
0.46
0.40
SR0602□□□□L□-□□□
SPECIFICATION FOR APPROVAL
-□□□
55.0
12
7.960M
50.0
SR06023R3ML□
3.3±20%
SR0602820KL□
SR0602680KL□
SR0602560KL□
SR0602470KL□
SR0602390KL□
SR0602330KL□
SR0602270ML□
SR0602220ML□
SR0602180ML□
-□□□
39.0±10%
-□□□
-□□□
-□□□
-□□□
56.0±10%
82.0±10%
68.0±10%
47.0±10%
-□□□
-□□□
-□□□
-□□□
27.0±20%
33.0±10%
22.0±20%
18.0±20%
SR06024R7ML□
SR0602150ML□
SR0602120ML□
SR0602100ML□
SR06028R2ML□
SR06026R8ML□
SR06025R6ML□
SR06023R9ML□
-□□□
6.8±20%
-□□□
-□□□
-□□□
-□□□
15.0±20%
12.0±20%
10.0±20%
8.2±20%
-□□□
-□□□
-□□□
4.7±20%
5.6±20%
3.9±20%
2.520M
12
12
12
12
12
2.520M
2.520M
2.520M
2.520M
100 K
12
12
15
15
2.520M
2.520M
2.520M
2.520M
480.0
14.0
11.0
9.5
10.0
12.0
700.0
820.0
1100.0
560.0
16.0
15.0
18.0
20.0
320.0
420.0
280.0
220.0
7.960M
11
15
15
15
11
2.520M
2.520M
2.520M
7.960M
11
11
12
7.960M
7.960M
7.960M
100.0
32.0
22.0
24.0
26.0
30.0
180.0
150.0
140.0
110.0
40.0
36.0
45.0
70.0
85.0
60.0
SMD POWER INDUCTOR
Ⅴ﹒ELECTRICAL CHARACTERISTICS :
SR06022R2ML□
SR06021R8ML□
SR06021R4ML□
SR06022R7ML□
SR06021R0ML□
DWG No.
1.0±20%
-□□□
-□□□
-□□□
-□□□
2.2±20%
2.7±20%
1.8±20%
1.4±20%
-□□□
( μH )
Inductance
REF : 20090312-B
NAME
PROD.
7.960M
14
13
13
13
14
7.960M
7.960M
7.960M
7.960M
Test Freq. ( Hz )
ref.
L
Q
Q
30.0
90.0
60.0
55.0
70.0
80.0
45.0
50.0
40.0
35.0
( MHz )
nom.
SRF
( mΩ )
max.
RDC
ABC'S DWG NO.
ABC'S ITEM NO.
2.90
2.60
0.80
0.75
0.70
0.60
0.65
0.75
0.65
0.52
0.60
0.73
1.05
1.00
1.10
1.30
0.90
0.85
1.00
1.20
2.00
1.80
1.45
1.60
1.70
1.90
1.30
1.40
1.50
1.60
2.40
2.30
2.70
2.20
2.00
2.40
4.60
4.50
3.20
3.00
3.50
4.20
3.00
2.80
3.30
4.00
( A )
typ.
Isat
( A )
max.
Irms
PAGE: 2


Similar Part No. - SR06025R6ML

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SR060 YANGJIE-SR060 Datasheet
209Kb / 2P
   Schottky Rectifier
logo
ABC Taiwan Electronics ...
SR0603100ML ABC-SR0603100ML Datasheet
102Kb / 7P
   SMD POWER INDUCTOR
SR0603101KL ABC-SR0603101KL Datasheet
102Kb / 7P
   SMD POWER INDUCTOR
SR0603120ML ABC-SR0603120ML Datasheet
102Kb / 7P
   SMD POWER INDUCTOR
SR0603121KL ABC-SR0603121KL Datasheet
102Kb / 7P
   SMD POWER INDUCTOR
More results

Similar Description - SR06025R6ML

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com