Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR1307100ML Datasheet(PDF) 5 Page - ABC Taiwan Electronics Corp

Part # SR1307100ML
Description  SMD POWER INDUCTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SR1307100ML Datasheet(HTML) 5 Page - ABC Taiwan Electronics Corp

  SR1307100ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SR1307100ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SR1307100ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SR1307100ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SR1307100ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SR1307100ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SR1307100ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp SR1307100ML Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
S1
R
3
07
SPECIFICATION FOR APPROVAL
REF : 20090728-A
ABC'S ITEM NO.
ABC'S DWG NO.
PAGE: 5
PROD.
NAME
SMD POWER INDUCTOR
AR-001A
400
pcs
Remark
Inner package Q'TY
T.B.D.
T / R ( Reel package )
B
Code
A
Inner package
T.B.D.
SR1307□□□□L□-□□□
Ⅷ﹒DWGING NUMBER EXPRESSION:
1 ~ 9:Lead Free Special products comply with RoHS' requirements
Appendix code 2 : Package
Tolerance code
Reference code
Dimension code
Electrical code
Appendix code 1 : Classification
L:Lead Free Standard products comply with RoHS' requirements
Appendix code 2:Package Information
Appendix code 1:Product Classification
Type code


Similar Part No. - SR1307100ML

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SR130 WTE-SR130 Datasheet
50Kb / 3P
   1.0A SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Yixinwei Techn...
SR130 YIXIN-SR130 Datasheet
181Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Shunye Electro...
SR130 SY-SR130 Datasheet
238Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SR130 SHUNYE-SR130 Datasheet
233Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
SR130 RECTRON-SR130 Datasheet
282Kb / 2P
   SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 1.0 Ampere)
More results

Similar Description - SR1307100ML

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com