Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR08053R9ML Datasheet(PDF) 3 Page - ABC Taiwan Electronics Corp

Part # SR08053R9ML
Description  SMD POWER INDUCTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SR08053R9ML Datasheet(HTML) 3 Page - ABC Taiwan Electronics Corp

  SR08053R9ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SR08053R9ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SR08053R9ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SR08053R9ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SR08053R9ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SR08053R9ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SR08053R9ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp SR08053R9ML Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Ⅵ﹒INDUCTANCE VS. DC CURRENT CURVE:
ABC'S DWG NO.
ABC'S ITEM NO.
SPECIFICATION FOR APPROVAL
DC Current (mA)
101
AR-001A
2
7 10
5
3
2
10
0
10
1
2
5
3
7
3R3
2
100
332
2
3
7
5
2
10
330
101
7
3
2
5
3
10
2
561
NAME
PROD.
REF : 20090505-B
4
10
5
3
7
SMD POWER INDUCTOR
7 10
5
3
2
7
5
3
1034
PAGE: 3
SR0805□□□□L□-□□□


Similar Part No. - SR08053R9ML

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
SR0805 YAGEO-SR0805 Datasheet
305Kb / 8P
   SURGE CHIP RESISTORS
SR0805DK-07100KL YAGEO-SR0805DK-07100KL Datasheet
714Kb / 9P
   SURGE CHIP RESISTORS
SR0805DK-07100RL YAGEO-SR0805DK-07100RL Datasheet
714Kb / 9P
   SURGE CHIP RESISTORS
SR0805DK-0710KL YAGEO-SR0805DK-0710KL Datasheet
714Kb / 9P
   SURGE CHIP RESISTORS
SR0805DK-0710RL YAGEO-SR0805DK-0710RL Datasheet
714Kb / 9P
   SURGE CHIP RESISTORS
More results

Similar Description - SR08053R9ML

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com