Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B57885S0103J001 Datasheet(PDF) 10 Page - EPCOS

Part # B57885S0103J001
Description  NTC thermistors for temperature measurement
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57885S0103J001 Datasheet(HTML) 10 Page - EPCOS

Back Button B57885S0103J001 Datasheet HTML 6Page - EPCOS B57885S0103J001 Datasheet HTML 7Page - EPCOS B57885S0103J001 Datasheet HTML 8Page - EPCOS B57885S0103J001 Datasheet HTML 9Page - EPCOS B57885S0103J001 Datasheet HTML 10Page - EPCOS B57885S0103J001 Datasheet HTML 11Page - EPCOS B57885S0103J001 Datasheet HTML 12Page - EPCOS B57885S0103J001 Datasheet HTML 13Page - EPCOS B57885S0103J001 Datasheet HTML 14Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
B57885S0103F002
R/T No.
2908
T (
°C)
B25/100 = 3460 K, R25 = 10000
Ω, T
R = 25 °C,
∆R
R/RR = ± 1%
Rnom[
Ω]
Rmin[
Ω]
Rmax[
Ω]
∆R
R/RR[
±%] ∆T[±°C]
α (%/K)
55.0
453130
429090
477170
5.3
0.9
6.0
50.0
337290
320600
353990
5.0
0.9
5.8
45.0
253330
241650
265010
4.6
0.8
5.6
40.0
191910
183680
200130
4.3
0.8
5.5
35.0
146590
140770
152420
4.0
0.7
5.3
30.0
112880
108730
117030
3.7
0.7
5.1
25.0
87588
84620
90556
3.4
0.7
5.0
20.0
68471
66339
70602
3.1
0.6
4.9
15.0
53910
52375
55446
2.8
0.6
4.7
10.0
42739
41631
43848
2.6
0.6
4.6
5.0
34109
33308
34910
2.3
0.5
4.4
0.0
27396
26817
27974
2.1
0.5
4.3
5.0
22140
21722
22557
1.9
0.4
4.2
10.0
17999
17699
18298
1.7
0.4
4.1
15.0
14716
14502
14930
1.5
0.4
4.0
20.0
12099
11948
12250
1.2
0.3
3.9
25.0
10000
9900
10100
1.0
0.3
3.8
30.0
8308
8205
8411
1.2
0.3
3.7
35.0
6936
6837
7035
1.4
0.4
3.6
40.0
5819
5725
5912
1.6
0.5
3.5
45.0
4904
4816
4991
1.8
0.5
3.4
50.0
4151
4070
4232
1.9
0.6
3.3
55.0
3529
3454
3603
2.1
0.7
3.2
60.0
3012
2944
3081
2.3
0.7
3.1
65.0
2582
2519
2644
2.4
0.8
3.0
70.0
2221
2164
2278
2.6
0.9
3.0
75.0
1918
1866
1970
2.7
0.9
2.9
80.0
1663
1615
1710
2.9
1.0
2.8
85.0
1446
1403
1489
3.0
1.1
2.8
90.0
1262
1222
1301
3.1
1.2
2.7
95.0
1105
1069
1141
3.3
1.2
2.6
100.0
970.2
937.4
1003
3.4
1.3
2.6
105.0
854.6
824.7
884.6
3.5
1.4
2.5
110.0
755.1
727.7
782.4
3.6
1.5
2.4
115.0
669.0
644.0
694.0
3.7
1.6
2.4
120.0
594.4
571.5
617.3
3.9
1.6
2.3
125.0
529.5
508.5
550.5
4.0
1.7
2.3
130.0
472.9
453.6
492.2
4.1
1.8
2.2
135.0
423.4
405.7
441.1
4.2
1.9
2.2
140.0
380.0
363.8
396.3
4.3
2.0
2.1
145.0
341.9
326.9
356.9
4.4
2.1
2.1
150.0
308.3
294.5
322.1
4.5
2.2
2.0
155.0
278.6
265.8
291.3
4.6
2.3
2.0
Temperature measurement and compensation
B57885S
Leaded NTC thermistors, lead spacing 5 mm
S885
Page 10 of 33
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B57885S0103J001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57885S0103+001 EPCOS-B57885S0103+001 Datasheet
62Kb / 3P
   Temperature Measurement
B57885S0103+002 EPCOS-B57885S0103+002 Datasheet
62Kb / 3P
   Temperature Measurement
B57885S0103+003 EPCOS-B57885S0103+003 Datasheet
62Kb / 3P
   Temperature Measurement
B57885S0103001 EPCOS-B57885S0103001 Datasheet
538Kb / 27P
   NTC thermistors for temperature measurement
logo
TDK Electronics
B57885S0103001 TDK-B57885S0103001 Datasheet
567Kb / 27P
   NTC thermistors for temperature measurement
More results

Similar Description - B57885S0103J001

ManufacturerPart #DatasheetDescription
logo
EPCOS
PROBEASS__B57703__M703 EPCOS-PROBEASS__B57703__M703 Datasheet
205Kb / 10P
   NTC thermistors for temperature measurement
SMD__NIBARRIER__0603 EPCOS-SMD__NIBARRIER__0603 Datasheet
414Kb / 20P
   NTC thermistors for temperature measurement
B57514K EPCOS-B57514K Datasheet
199Kb / 9P
   NTC thermistors for temperature measurement
B57442V5472H062 EPCOS-B57442V5472H062 Datasheet
455Kb / 19P
   NTC thermistors for temperature measurement
G1550 EPCOS-G1550 Datasheet
435Kb / 22P
   NTC thermistors for temperature measurement
G1565 EPCOS-G1565 Datasheet
412Kb / 20P
   NTC thermistors for temperature measurement
S885 EPCOS-S885 Datasheet
538Kb / 27P
   NTC thermistors for temperature measurement
S981 EPCOS-S981 Datasheet
537Kb / 27P
   NTC thermistors for temperature measurement
B57861S103F40 EPCOS-B57861S103F40 Datasheet
422Kb / 20P
   NTC thermistors for temperature measurement
B57867S0202F140 EPCOS-B57867S0202F140 Datasheet
257Kb / 15P
   NTC thermistors for temperature measurement
B57871S0212F000 EPCOS-B57871S0212F000 Datasheet
339Kb / 19P
   NTC thermistors for temperature measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com