Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS0805102KL Datasheet(PDF) 1 Page - ABC Taiwan Electronics Corp

Part # SS0805102KL
Description  SHIELDED SMD POWER INDUCTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SS0805102KL Datasheet(HTML) 1 Page - ABC Taiwan Electronics Corp

  SS0805102KL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SS0805102KL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SS0805102KL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SS0805102KL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SS0805102KL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SS0805102KL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SS0805102KL Datasheet HTML 7Page - ABC Taiwan Electronics Corp SS0805102KL Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SS0805□□□□L□-□□□
( PCB Pattern )
I
150
Time ( seconds )
Reflow Area
+2.0 ~ 4.0℃
/ sec max.
SPECIFICATION FOR APPROVAL
I :
2.4 ref.
b﹒Core:Ferrite RI core
Ⅳ﹒
GENERAL SPECIFICATION:
AE-001A
e﹒Resisance to solder heat:260℃.10 secs.
c﹒Wire :Enamelled copper wire (class F)
g﹒Remark:Products comply with RoHS'
&
L / LOA=10% max.
b﹒Rated current:Base on temp. rise
a﹒Temp. rise :40℃ max.
c﹒Storage temp.:-40℃ ----+125℃
d﹒Operating temp.:-40℃----+105℃
e﹒Terminal: Cu/Ni/Sn
d﹒Base:LCP E4008
f﹒Adhesive:Epoxy resin
requirements
100
50
0
200
250
150
100
50
Peak Temp:260℃ max.
Max time above 230℃ :50sec max.
Max time above 200℃ :70sec max.
+4.0
/ sec max.
Temperature
Rising Area
Preheat Area
150 ~ 200
/ 60 ~ 120sec
f
c
Ⅲ﹒
MATERIALS:
Ⅱ﹒
SCHEMATIC DIAGRAM:
Ⅰ﹒
CONFIGURATION & DIMENSIONS:
NAME
RPOD.
Marking
Inductance Code
REF :
B
G :
5.7 ref.
a﹒Core:Ferrite DR core
F
D
D
G
I
H :
2.2 ref.
POWER INDUCTOR
SHIELDED SMD
C :
4.5±0.3
F :
6.0±0.3
E :
2.0±0.2
D :
2.1±0.2
B : 10.5±0.3
A :
8.0±0.3
ABC'S ITEM NO.
ABC'S DWG NO.
Peak Temperature:
200
250
260℃
70sec max.
50sec max.
230℃
-(1.0 ~ 5.0)
/ sec max.
Forced Cooling Area
d
e
m/m
a
b
m/m
m/m
m/m
m/m
m/m
m/m
m/m
m/m
PAGE: 1


Similar Part No. - SS0805102KL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SS0802100ML ABC-SS0802100ML Datasheet
566Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS0802101ML ABC-SS0802101ML Datasheet
566Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS0802102ML ABC-SS0802102ML Datasheet
566Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS0802120ML ABC-SS0802120ML Datasheet
566Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS0802121ML ABC-SS0802121ML Datasheet
566Kb / 8P
   SHIELDED SMD POWER INDUCTOR
More results

Similar Description - SS0805102KL

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-1306S ABRACON-ASPI-1306S Datasheet
1Mb / 3P
   SMD SHIELDED POWER INDUCTOR
07.25.13
logo
Central Technologies
CTSR0906F CT-CTSR0906F Datasheet
429Kb / 1P
   SMD Shielded Power Inductor
logo
ABC Taiwan Electronics ...
SS12052R5ML ABC-SS12052R5ML Datasheet
609Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS12801R1YL ABC-SS12801R1YL Datasheet
147Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SU10303R5YF ABC-SU10303R5YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU20091R0YP ABC-SU20091R0YP Datasheet
101Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU20131R0YL ABC-SU20131R0YL Datasheet
105Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU30091R3YL ABC-SU30091R3YL Datasheet
96Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU50284R7Y2 ABC-SU50284R7Y2 Datasheet
129Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
   SHIELDED SMD POWER INDUCTOR
logo
Datatronic Distribution...
DR364-202 DATATRONICS-DR364-202 Datasheet
81Kb / 1P
   SHIELDED SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com