Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B57561G1103H002 Datasheet(PDF) 9 Page - EPCOS

Part # B57561G1103H002
Description  NTC thermistors for temperature measurement
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57561G1103H002 Datasheet(HTML) 9 Page - EPCOS

Back Button B57561G1103H002 Datasheet HTML 5Page - EPCOS B57561G1103H002 Datasheet HTML 6Page - EPCOS B57561G1103H002 Datasheet HTML 7Page - EPCOS B57561G1103H002 Datasheet HTML 8Page - EPCOS B57561G1103H002 Datasheet HTML 9Page - EPCOS B57561G1103H002 Datasheet HTML 10Page - EPCOS B57561G1103H002 Datasheet HTML 11Page - EPCOS B57561G1103H002 Datasheet HTML 12Page - EPCOS B57561G1103H002 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Bending strength: Test Ub:
Two 90
°-bends in opposite directions at a weight of 0.25 kg.
Torsional strength: Test Uc: severity 2
The lead is bent by 90
° at a distance of 6 to 6.5 mm from the thermistor body.
The bending radius of the leads should be approx. 0.75 mm. Two torsions of
180
° each (severity 2).
When subjecting leads to mechanical stress, the following should be observed:
Tensile stress on leads
During mounting and operation tensile forces on the leads are to be avoided.
Bending of leads
Bending of the leads directly on the thermistor body is not permissible.
A lead may be bent at a minimum distance of twice the wire's diameter +2 mm from the solder
joint on the thermistor body. During bending the wire must be mechanically relieved at its outlet.
The bending radius should be at least 0.75 mm.
Twisting of leads
The twisting (torsion) by 180
° of a lead bent by 90° is permissible at 6 mm from the bottom of the
thermistor body.
4
Sealing and potting
When thermistors are sealed, potted or overmolded, there must be no mechanical stress caused
by thermal expansion during the production process (curing / overmolding process) and during
later operation. The upper category temperature of the thermistor must not be exceeded. Ensure
that the materials used (sealing / potting compound and plastic material) are chemically neutral.
5
Cleaning
If cleaning is necessary, mild cleaning agents such as ethyl alcohol and cleaning gasoline are
recommended. Cleaning agents based on water are not allowed. Ultrasonic cleaning methods are
permissible.
6
Storage
In order to maintain their solderability, thermistors must be stored in a non-corrosive atmosphere.
Humidity, temperature and container materials are critical factors.
Do not store SMDs where they are exposed to heat or direct sunlight. Otherwise, the packing ma-
terial may be deformed or SMDs may stick together, causing problems during mounting. After
opening the factory seals, such as polyvinyl-sealed packages, use the SMDs as soon as possible.
Temperature measurement
B57561G, B57561G1
Glass-encapsulated sensors with insulation
G561/G1561
Page 9 of 15
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B57561G1103H002

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B57561G1103000 TDK-B57561G1103000 Datasheet
428Kb / 24P
   NTC thermistors for temperature measurement
B57561G1103005 TDK-B57561G1103005 Datasheet
428Kb / 24P
   NTC thermistors for temperature measurement
B57561G1103F000 TDK-B57561G1103F000 Datasheet
428Kb / 24P
   NTC thermistors for temperature measurement
More results

Similar Description - B57561G1103H002

ManufacturerPart #DatasheetDescription
logo
EPCOS
PROBEASS__B57703__M703 EPCOS-PROBEASS__B57703__M703 Datasheet
205Kb / 10P
   NTC thermistors for temperature measurement
SMD__NIBARRIER__0603 EPCOS-SMD__NIBARRIER__0603 Datasheet
414Kb / 20P
   NTC thermistors for temperature measurement
B57514K EPCOS-B57514K Datasheet
199Kb / 9P
   NTC thermistors for temperature measurement
B57442V5472H062 EPCOS-B57442V5472H062 Datasheet
455Kb / 19P
   NTC thermistors for temperature measurement
G1550 EPCOS-G1550 Datasheet
435Kb / 22P
   NTC thermistors for temperature measurement
G1565 EPCOS-G1565 Datasheet
412Kb / 20P
   NTC thermistors for temperature measurement
S885 EPCOS-S885 Datasheet
538Kb / 27P
   NTC thermistors for temperature measurement
S981 EPCOS-S981 Datasheet
537Kb / 27P
   NTC thermistors for temperature measurement
B57861S103F40 EPCOS-B57861S103F40 Datasheet
422Kb / 20P
   NTC thermistors for temperature measurement
B57867S0202F140 EPCOS-B57867S0202F140 Datasheet
257Kb / 15P
   NTC thermistors for temperature measurement
B57871S0212F000 EPCOS-B57871S0212F000 Datasheet
339Kb / 19P
   NTC thermistors for temperature measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com